công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 994 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 994 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 990Page - Renesas Technology Corp H8S/2472 Datasheet HTML 991Page - Renesas Technology Corp H8S/2472 Datasheet HTML 992Page - Renesas Technology Corp H8S/2472 Datasheet HTML 993Page - Renesas Technology Corp H8S/2472 Datasheet HTML 994Page - Renesas Technology Corp H8S/2472 Datasheet HTML 995Page - Renesas Technology Corp H8S/2472 Datasheet HTML 996Page - Renesas Technology Corp H8S/2472 Datasheet HTML 997Page - Renesas Technology Corp H8S/2472 Datasheet HTML 998Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 994 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 946 of 1198
REJ09B0403-0200
25.4.1
Boot Mode
Boot mode executes programming/erasing user MAT and user boot MAT by means of the control
command and program data transmitted from the host using the on-chip SCI. The tool for
transmitting the control command and program data must be prepared in the host. The SCI
communication mode is set to asynchronous mode. When reset start is executed after this LSI’s
pin is set in boot mode, the boot program in the microcomputer is initiated. After the SCI bit rate
is automatically adjusted, the communication with the host is executed by means of the control
command method.
The system configuration diagram in boot mode is shown in figure 25.6. For details on the pin
setting in boot mode, see table 25.5. The NMI and other interrupts are ignored in boot mode.
However, the NMI and other interrupts should be disabled in the user system.
Host
RxD1
TxD1
Control command,
analysis execution
software (on-chip)
Flash
memory
On-chip RAM
On-chip SCI_1
This LSI
Boot
programming
tool and program
data
Control command, program data
Reply response
Figure 25.6 System Configuration in Boot Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com