công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1009 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1009 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1005Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1006Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1007Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1008Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1009Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1010Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1011Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1012Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1013Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1009 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 961 of 1198
REJ09B0403-0200
15. After programming finishes, clear FKEY and specify software protection.
If this LSI is restarted by a reset immediately after user MAT programming has finished,
secure the reset period (period of
RES = 0) of 100 µs which is longer than normal.
(3)
Erasing Procedure in User Program Mode
The procedures for download, initialization, and erasing are shown in figure 25.14.
Set FKEY to H'A5
Set SCO to 1 and
execute download
DPFR
= 0?
Yes
No
Download error processing
Set the FPEFEQ
parameter
Yes
End erasing
procedure program
FPFR
= 0 ?
No
Initialization error processing
Disable interrupts and
bus master operation
other than CPU
Clear FKEY to 0
Set FEBS parameter
Yes
FPFR
= 0 ?
No
Clear FKEY and erasing
error processing
Yes
Required block
erasing is
completed?
No
Set FKEY to H'5A
Clear FKEY to 0
1.
2.
3.
4.
5.
6.
1
1
Initialization
JSR FTDAR setting
+ 32
Erasing
JSR FTDAR setting
+ 16
Select on-chip program
to be downloaded and
specify download
destination by FTDAR
Start erasing procedure
program
Figure 25.14 Erasing Procedure
The procedure program must be executed in an area other than the user MAT to be erased.
Especially the part where the SCO bit in FCCS is set to 1 for downloading must be executed in the
on-chip RAM.
The area that can be executed in the steps of the user procedure program (on-chip RAM, user
MAT, and external space) is shown in section 25.4.5, Procedure Program and Storable Area for
Programming Data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com