công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1011 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1011 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1007Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1008Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1009Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1010Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1011Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1012Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1013Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1014Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1015Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1011 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 963 of 1198
REJ09B0403-0200
5. Determine whether erasure of the necessary blocks has completed.
If more than one block is to be erased, update the FEBS parameter and repeat steps 2 to 5.
Blocks that have already been erased can be erased again.
6. After erasure completes, clear FKEY and specify software protection.
If this LSI is restarted by a reset immediately after user MAT erasure has completed, secure
the reset period (period of
RES = 0) of 100 µs which is longer than normal.
(4)
Erasing and Programming Procedure in User Program Mode
By changing the on-chip RAM address of the download destination in FTDAR, the erasing
program and programming program can be downloaded to separate on-chip RAM areas.
Figure 25.15 shows a repeating procedure of erasing and programming.
Yes
No
1
1
Start procedure program
Specify a download
destination of erasing
program by FTDAR
Download erasing program
Initialize erasing program
Specify a download
destination of programming
program by FTDAR
Download programming
program
Initialize programming
program
End procedure program
Erase relevant block
(execute erasing program)
Set FMPDR to
program relevant block
(execute programming
program)
Confirm operation
End ?
Figure 25.15 Repeating Procedure of Erasing and Programming
In the above procedure, download and initialization are performed only once at the beginning.
In this kind of operation, note the following:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com