công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 1014 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 1014 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 1010Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1011Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1012Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1013Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1014Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1015Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1016Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1017Page - Renesas Technology Corp H8S/2472 Datasheet HTML 1018Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1014 / 1250 page
background image
Section 25 Flash Memory
Rev. 2.00 Aug. 20, 2008 Page 966 of 1198
REJ09B0403-0200
Set FKEY to H'A5
DPFR
= 0 ?
Yes
No
Download error processing
Set the FPEFEQ
parameters
Initialization
JSR FTDAR setting
+ 32
Yes
End programming
procedure program
FPFR
= 0 ?
No
Initialization error processing
Disable interrupts
and bus master operation
other than CPU
Clear FKEY to 0
Set parameter to ER0 and
ER1 (FMPAR and FMPDR)
Programming
JSR FTDAR setting
+ 16
Yes
FPFR
= 0 ?
No
Yes
Required data
programming is
completed?
No
Set FKEY to H'A5
Clear FKEY to 0
1
1
MAT
switchover
MAT
switchover
Set FMATS to value other than
H'AA to select user MAT
Set SCO to 1 and
execute download
Clear FKEY and programming
error processing
Set FMATS to H'AA to
select user boot MAT
User-boot-MAT
selection state
Note: The MAT must be switched by FMATS
to perform the programming error
processing in the user boot MAT.
Start programming
procedure program
Select on-chip program
to be downloaded and
specify download
destination by FTDAR
Figure 25.16 Procedure for Programming User MAT in User Boot Mode
The difference between the programming procedures in user program mode and user boot mode is
whether the MAT is switched or not as shown in figure 25.16.
In user boot mode, the user boot MAT can be seen in the flash memory space with the user MAT
hidden in the background. The user MAT and user boot MAT are switched only while the user
MAT is being programmed. Because the user boot MAT is hidden while the user MAT is being
programmed, the procedure program must be located in an area other than flash memory. After
programming completes, switch the MATs again to return to the first state.
MAT switching is enabled by writing a specific value to FMATS. However note that while the
MATs are being switched, the LSI is in an unstable state, e.g. access to a MAT is not allowed until
MAT switching is completed, and if an interrupt occurs, from which MAT the interrupt vector is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com