| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2472 bảng dữ liệu(PDF) 1018 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 bảng dữ liệu(HTML) 1018 Page - Renesas Technology Corp |
|
1018 / 1250 page ![]() Section 25 Flash Memory Rev. 2.00 Aug. 20, 2008 Page 970 of 1198 REJ09B0403-0200 25.4.5 Procedure Program and Storable Area for Programming Data In the descriptions in the previous section, the programming/erasing procedure programs and storable areas for program data are assumed to be in the on-chip RAM. However, the program and the data can be stored in and executed from other areas, such as part of flash memory which is not to be programmed or erased, or somewhere in the external address space. (1) Conditions that Apply to Programming/Erasing 1. The on-chip programming/erasing program is downloaded from the address in the on-chip RAM specified by FTDAR, therefore, this area is not available for use. 2. The on-chip programming/erasing program will use 128 bytes at the maximum as a stack. So, make sure that this area is secured. 3. Download by setting the SCO bit to 1 will lead to switching of the MAT. If, therefore, this operation is used, it should be executed from the on-chip RAM. 4. The flash memory is accessible until the start of programming or erasing, that is, until the result of downloading has been determined. When in a mode in which the external address space is not accessible, such as single-chip mode, the required procedure programs, NMI handling vector and NMI handler should be transferred to the on-chip RAM before programming/erasing of the flash memory starts. 5. The flash memory is not accessible during programming/erasing operations, therefore, the operation program is downloaded to the on-chip RAM to be executed. The NMI-handling vector and programs such as that which activate the operation program, and NMI handler should thus be stored in on-chip memory other than flash memory or the external address space. 6. After programming/erasing, the flash memory should be inhibited until FKEY is cleared. The reset state ( RES = 0) must be in place for more than 100 µs when the LSI mode is changed to reset on completion of a programming/erasing operation. Transitions to the reset state, and hardware standby mode are inhibited during programming/erasing. When the reset signal is accidentally input to the chip, a longer period in the reset state than usual (100 µs) is needed before the reset signal is released. 7. Switching of the MATs by FMATS should be needed when programming/erasing of the user boot MAT is operated in user-boot mode. The program which switches the MATs should be executed from the on-chip RAM. See section 25.6, Switching between User MAT and User Boot MAT. Please make sure you know which MAT is selected when switching between them. 8. When the data storable area indicated by programming parameter FMPDR is within the flash memory area, an error will occur even when the data stored is normal. Therefore, the data |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |