công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 325 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 325 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 321Page - Renesas Technology Corp H8S/2112R Datasheet HTML 322Page - Renesas Technology Corp H8S/2112R Datasheet HTML 323Page - Renesas Technology Corp H8S/2112R Datasheet HTML 324Page - Renesas Technology Corp H8S/2112R Datasheet HTML 325Page - Renesas Technology Corp H8S/2112R Datasheet HTML 326Page - Renesas Technology Corp H8S/2112R Datasheet HTML 327Page - Renesas Technology Corp H8S/2112R Datasheet HTML 328Page - Renesas Technology Corp H8S/2112R Datasheet HTML 329Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 984 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 May 09, 2008 Page 299 of 954
REJ09B0462-0100
11.3.7
TCM Control Register (TCMCR)
TCMCR is an 8-bit readable/writable register. TCMCR selects input capture input edge, counter
start, and counter clock, and controls operation mode.
Bit
Bit Name
Initial
Value
R/W
Description
7
CST
0
R/W
Counter Start
In timer mode, setting this bit to 1 starts counting by
TCMCNT; clearing this bit stops counting by TCMCNT.
Then, the counter is initialized to H'0000, and input-capture
operation stops.
Clear this bit and thus return TCMCNT to H'0000 in
initialization for cycle measurement mode.
6
POCTL
0
R/W
TCMCYI Input Polarity Reversal
0: Use the TCMCYI input directly
1: Use the inverted TCMCYI input
Note: Modify this bit while CST
= 0 and TCMMDS = 0
5
CPSPE
0
R/W
Input Capture Stop Enable
Controls whether or not counting up by TCMCNT and input-
capture operation stop or continue when either of MAXOVF
or MINUDF is set to 1 in cycle measurement mode. The bit
does not affect operation in timer mode.
0: Counting up and input-capture operation continue when
the flag is set to 1.
1: Counting up and input-capture operation are disabled
when the flag is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com