công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 329 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 329 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 325Page - Renesas Technology Corp H8S/2112R Datasheet HTML 326Page - Renesas Technology Corp H8S/2112R Datasheet HTML 327Page - Renesas Technology Corp H8S/2112R Datasheet HTML 328Page - Renesas Technology Corp H8S/2112R Datasheet HTML 329Page - Renesas Technology Corp H8S/2112R Datasheet HTML 330Page - Renesas Technology Corp H8S/2112R Datasheet HTML 331Page - Renesas Technology Corp H8S/2112R Datasheet HTML 332Page - Renesas Technology Corp H8S/2112R Datasheet HTML 333Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 984 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 May 09, 2008 Page 303 of 954
REJ09B0462-0100
11.4
Operation
The TCM operates in timer mode or cycle measurement mode. TCM is in timer mode after a reset.
11.4.1
Timer Mode
When the TCMMDS bit in TCMCR is cleared to 0, TCM operates in timer mode.
(1)
Counter Operation
TCMCNT operates as a free running counter in timer mode. TCMCNT starts counting up when
the CST bit in TCMCR is set to 1. When TCMCNT overflows (the value changes from H'FFFF to
H'0000), the OVF bit in TCMCSR is set to 1 and an interrupt request is generated if the OVIE bit
in TCMIER is 1. Figure 11.2 shows an example of free running counter operation. In addition,
figure 11.3 shows TCMCNT count timing of external clock operation. The external clock should
have a pulse width of no less than 1.5 cycles. The counter will not operate correctly if the pulses
are narrower than this.
φ
φ/4
TCMCNT
input clock
TCMCNT
N - 1
N
N + 1
Figure 11.2 Example of Free Running Counter Operation
φ
TCMCKI
TCMCNT
input clock
TCMCNT
N - 1
N
N + 1
Figure 11.3 Count Timing of External Clock Operation (Falling Edges)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com