công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 56 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 56 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 52Page - Renesas Technology Corp H8S/2112R Datasheet HTML 53Page - Renesas Technology Corp H8S/2112R Datasheet HTML 54Page - Renesas Technology Corp H8S/2112R Datasheet HTML 55Page - Renesas Technology Corp H8S/2112R Datasheet HTML 56Page - Renesas Technology Corp H8S/2112R Datasheet HTML 57Page - Renesas Technology Corp H8S/2112R Datasheet HTML 58Page - Renesas Technology Corp H8S/2112R Datasheet HTML 59Page - Renesas Technology Corp H8S/2112R Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 984 page
background image
Section 2 CPU
Rev. 1.00 May 09, 2008 Page 30 of 954
REJ09B0462-0100
• High-speed operation
 All frequently-used instructions execute in one or two states
 8/16/32-bit register-register add/subtract: 1 state
 8 × 8-bit register-register multiply: 12 states (MULXU.B), 13 states (MULXS.B)
 16 ÷ 8-bit register-register divide: 12 states (DIVXU.B)
 16 × 16-bit register-register divide: 20 states (MULXU.W), 21 states (MULXS.W)
 32 ÷ 16-bit register-register divide: 20 states (DIVXU.W)
• CPU operating mode
• Advanced mode
• Power-down state
 Transition to power-down state by the SLEEP instruction
 CPU clock speed selection
2.1.1
Differences between H8S/2600 CPU and H8S/2000 CPU
The differences between the H8S/2600 CPU and the H8S/2000 CPU are shown below.
• Register configuration
The MAC register is supported by the H8S/2600 CPU only.
• Basic instructions
The four instructions MAC, CLRMAC, LDMAC, and STMAC are supported by the H8S/2600
CPU only.
• The number of execution states of the MULXU and MULXS instructions;
Execution States
Instruction
Mnemonic
H8S/2600
H8S/2000
MULXU.B Rs, Rd
3
12
MULXU
MULXU.W Rs, Erd
4
20
MULXS.B Rs, Rd
4
13
MULXS
MULXS.W Rs, Erd
5
21
In addition, there are differences in address space, CCR and EXR register functions, and power-
down modes, etc., depending on the model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com