công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 328 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 328 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 324Page - Renesas Technology Corp H8S/2112R Datasheet HTML 325Page - Renesas Technology Corp H8S/2112R Datasheet HTML 326Page - Renesas Technology Corp H8S/2112R Datasheet HTML 327Page - Renesas Technology Corp H8S/2112R Datasheet HTML 328Page - Renesas Technology Corp H8S/2112R Datasheet HTML 329Page - Renesas Technology Corp H8S/2112R Datasheet HTML 330Page - Renesas Technology Corp H8S/2112R Datasheet HTML 331Page - Renesas Technology Corp H8S/2112R Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 984 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 May 09, 2008 Page 302 of 954
REJ09B0462-0100
Bit
Bit Name
Initial
Value
R/W
Description
2
MINUDIE
0
R/W
Cycle Lower Limit Underflow Interrupt Enable
Enables or disables the issuing of the TUDI interrupt
requests when the MINUDF flag in TCMCSR is set to 1.
0: Disable interrupt requests by MINUDF
1: Enable interrupt requests by MINUDF
1
CMMS
0
R/W
Cycle Measurement Mode Selection
Selects use of the TCMMCI signal in cycle measurement
mode.
0: The TCMMCI signal is not used (cycle measurement is
always performed).
1: The TCMMCI signal is used.
When MCICTL in TCMCSR is 0, cycle measurement is
performed only while TCMMCI is low. When MCICTL is 1,
cycle measurement is performed only while TCMMCI is
high.
Note: Change this bit when CST
= 0 and TCMMDS = 0.
0
0
R
Reserved
This bit is always read as 0 and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com