công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 324 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 324 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 320Page - Renesas Technology Corp H8S/2112R Datasheet HTML 321Page - Renesas Technology Corp H8S/2112R Datasheet HTML 322Page - Renesas Technology Corp H8S/2112R Datasheet HTML 323Page - Renesas Technology Corp H8S/2112R Datasheet HTML 324Page - Renesas Technology Corp H8S/2112R Datasheet HTML 325Page - Renesas Technology Corp H8S/2112R Datasheet HTML 326Page - Renesas Technology Corp H8S/2112R Datasheet HTML 327Page - Renesas Technology Corp H8S/2112R Datasheet HTML 328Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 984 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 May 09, 2008 Page 298 of 954
REJ09B0462-0100
Bit
Bit Name
Initial
Value
R/W
Description
3
ICPF
0
R/(W)*
Input Capture Generation
Timer mode: The flag indicates that the value in TCMCNT
has been transferred to TCMICR on generation of an input
capture signal. This flag is set when the input capture signal
is generated, i.e. on detection of the edge selected by the
IEDGD bit on the TCMCYI input pin.
Cycle measurement mode: The flag indicates that the value
in TCMCNT has been transferred to TCMICR on detection
of the second edge (rising or falling as determined by the
IEDG bit in TCMCR) during the measurement period.
[Setting condition]
Generation of the input capture signal
[Clearing condition]
Reading ICPF when ICPF = 1 and then writing 0 to ICPF
2
MINUDF
0
R/(W)*
Measurement Period Lower Limit Underflow
This flag indicates that the measured number of cycles of
the waveform for measurement in cycle measurement mode
has reached the lower limit set in TCMMINCM, causing an
underflow.
[Setting condition]
A smaller value for TCMICR than TCMMINCM
[Clearing condition]
Reading MINUDF when MINUDF = 1 and then writing 0 to
MINUDF
1
MCICTL
0
R/W
TCMMCI Input Polarity Inversion
0: TCMMCI input is inverted for use.
1: TCMMCI input is directly used.
Note: Change this bit when CST = 0 and TCMMDS = 0
0
All 0
R/W
Reserved
The initial value should not be changed.
Note:
*
Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com