công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 322 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 322 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 318Page - Renesas Technology Corp H8S/2112R Datasheet HTML 319Page - Renesas Technology Corp H8S/2112R Datasheet HTML 320Page - Renesas Technology Corp H8S/2112R Datasheet HTML 321Page - Renesas Technology Corp H8S/2112R Datasheet HTML 322Page - Renesas Technology Corp H8S/2112R Datasheet HTML 323Page - Renesas Technology Corp H8S/2112R Datasheet HTML 324Page - Renesas Technology Corp H8S/2112R Datasheet HTML 325Page - Renesas Technology Corp H8S/2112R Datasheet HTML 326Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 984 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 May 09, 2008 Page 296 of 954
REJ09B0462-0100
11.3.3
TCM Cycle Lower Limit Register (TCMMINCM)
TCMMINCM is a 16-bit readable/writable register. TCMMINCM is available as a cycle lower
limit register when the TCMMDS bit in TCMCR is set to 1 (operation is in cycle measurement
mode).
In cycle measurement mode, a value that sets a lower limit on the measurement period can be set
in TCMMINCM. When the second edge (selectable with the IEDG bit in TCMCR) of the
measurement period is detected, the value in TCMCNT is transferred to TCMICR. At this time,
the values in TCMICR and TCMMINCM are compared. The MINUDF flag in TCMCSR is set to
1 if the value in TCMICR is smaller than that in TCMMINCM. TCMMLCM should always be
accessed in 16-bit units and cannot be accessed in 8-bit units. TCMMINCM is initialized to
H'0000.
11.3.4
TCM Input Capture Register (TCMICR)
TCMICR is a 16-bit read-only register. In timer mode, the value in TCMCNT is transferred to
TCMICR on the edge selected by the IEDG bit in TCMCR. At the same time, the ICPF flag in
TCMCSR is set to 1. In cycle measurement mode, the value in TCMCNT is transferred to
TCMICR on detection of the second edge of the measurement period. At this time, the ICPF flag
in TCMCSR is set to 1. TCMICR should always be accessed in 16-bit units and cannot be
accessed in 8-bit units. TCMICR is initialized to H'0000.
11.3.5
TCM Input Capture Buffer Register (TCMICRF)
TCMICRF is a 16-bit read only register. TCMICRF can be used as TCMICR buffer register.
When input capture is generated, the value in TCMICR is transferred to TCMICRF.
TCMICR and TCMICRF should always be accessed in 16-bit units and cannot be accessed in 8-
bit units. TCMICRF is initialized to H'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com