công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112R bảng dữ liệu(PDF) 323 Page - Renesas Technology Corp

tên linh kiện H8S/2112R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112R bảng dữ liệu(HTML) 323 Page - Renesas Technology Corp

Back Button H8S/2112R Datasheet HTML 319Page - Renesas Technology Corp H8S/2112R Datasheet HTML 320Page - Renesas Technology Corp H8S/2112R Datasheet HTML 321Page - Renesas Technology Corp H8S/2112R Datasheet HTML 322Page - Renesas Technology Corp H8S/2112R Datasheet HTML 323Page - Renesas Technology Corp H8S/2112R Datasheet HTML 324Page - Renesas Technology Corp H8S/2112R Datasheet HTML 325Page - Renesas Technology Corp H8S/2112R Datasheet HTML 326Page - Renesas Technology Corp H8S/2112R Datasheet HTML 327Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 984 page
background image
Section 11 16-Bit Cycle Measurement Timer (TCM)
Rev. 1.00 May 09, 2008 Page 297 of 954
REJ09B0462-0100
11.3.6
TCM Status Register (TCMCSR)
TCMCSR is an 8-bit readable/writable register that controls operation of the interrupt sources.
Bit
Bit Name
Initial
Value
R/W
Description
7
OVF
0
R/(W)*
Timer Overflow
This flag indicates that the TCMCNT has overflowed.
[Setting condition]
Overflow of TCMCNT (change in value from H'FFFF to
H'0000)
[Clearing condition]
Reading OVF when OVF = 1 and then writing 0 to OVF.
6
MAXOVF
0
R/(W)*
Measurement Period Upper Limit Overflow
This flag indicates that the measured number of cycles of
the waveform for measurement in cycle measurement mode
has reached the upper limit set in TCMMLCM, causing an
overflow.
[Setting condition]
A greater value for TCMICR than TCMMLCM
[Clearing condition]
Reading MAXOVF when MAXOVF = 1 and then writing 0 to
MAXOVF
5
CMF
0
R/(W)*
Compare Match Flag (only valid in timer mode)
[Setting condition]
When the values in TCMCNT and TCMMLCM match.
[Clearing condition]
Reading CMF when CMF = 1 and then writing 0 to CMF
Note: CMF is not set in cycle measurement mode, even
when the values in TCMCNT and TCMMLCM match.
4
CKSEG
0
R/W
External Clock Edge Select
When bits CKS2 to CKS0 in TCMCR are set to B'111, this
bit selects the edge for counting of external count clock
edge.
0: Count falling edges of the external clock.
1: Count rising edges of the external clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com