| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M16C/29 bảng dữ liệu(PDF) 240 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/29 bảng dữ liệu(HTML) 240 Page - Renesas Technology Corp |
|
240 / 499 page ![]() 14. Serial I/O p u o r G 9 2 / C 6 1 M page 216 8 5 4 f o 7 0 0 2 , 0 3 .r a M 2 1 . 1 . v e R 2 1 1 0 - 1 0 1 0 B 9 0 J E R 14.1.6.2 Format • Direct Format Set the PRY bit in the U2MR register to 1, the UFORM bit in U2C0 register to 0 and the U2LCH bit in U2C1 register to 0. • Inverse Format Set the PRY bit to 0, UFORM bit to 1 and U2LCH bit to 1. Figure 14.34 shows the SIM interface format. Figure 14.34 SIM Interface Format P : Even parity D0 D1 D2 D3 D4 D5 D6 D7 P Transfer clcck TxD2 TxD2 D7 D6 D5 D4 D3 D2 D1 D0 P Transfer clcck (1) Direct format “H” “L” “H” “L” (2) Inverse format P : Odd parity “H” “L” “H” “L” |