| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M16C/29 bảng dữ liệu(PDF) 35 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/29 bảng dữ liệu(HTML) 35 Page - Renesas Technology Corp |
|
35 / 499 page ![]() 1. Overview page 11 p u o r G 9 2 / C 6 1 M 8 5 4 f o 7 0 0 2 , 0 3 .r a M 2 1 . 1 . v e R 2 1 1 0 - 1 0 1 0 B 9 0 J E R M16C M30290FAVHP A U3 XXXXXXX Product Name: indicates M30290FAVHP Chip Version and Product Code: A: indicates chip version The first edition is shown to be blank and continues with A and B. U3: indicates product code (see Table 1.8) Date Code (7 digits): indicates manufacturing management code A U3 M30291FAVHP XXXXXXX Chip Version and Product Code: A: indicates chip version The first edition is shown to be blank and continues with A and B. U3: indicates product code (see Table 1.8) Product Name: indicates M30291FAVHP Date Code (7 digits): indicates manufacturing management code (1) Flash Memory Version, PLQP0080KB-A (80P6Q-A), V-ver. (2) Flash Memory Version, PLQP0064KB-A (64P6Q-A), V-ver. Figure 1.6 Marking Diagrams of Flash Memory Version - M16C/29 Group V-ver. (Top View) M16C M30290MA- XXXHP A U5 XXXXXXX Type No. M30290MAHP Chip version and product code XXX : ROM No. A : Chip version and product code(1) The first edition is shown to be blank and continues with A, B and C. U5 : Product code. (Table 1.9) Date code seven digits Manufacturing management code (1) Mask ROM Version, PLQP0080KB-A (80P6Q-A), Normal-ver. XXXXXXX M30291MA- XXXHP A U5 Type No. M30291MAHP Date code seven digits Manufacturing management code (2) Mask ROM Version, PLQP0064-KB-A (64P6Q-A), Normal-ver. Chip version and product code XXX: ROM No. A : Chip version and product code(1) The first edition is shown to be blank and continues with A, B and C. U5 : Product code. (Table 1.9) Figure 1.7 Marking Diagrams of Mask ROM Version - M16C/29 Group Normal-ver. (Top View) |