| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 487 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 487 Page - Renesas Technology Corp |
|
487 / 1228 page ![]() Section 10 Multi-Function Timer Pulse Unit 2 (MTU2) Rev. 2.00 May. 08, 2008 Page 463 of 1200 REJ09B0344-0200 (2) Examples of Phase Counting Mode Operation In phase counting mode, TCNT counts up or down according to the phase difference between two external clocks. There are four modes, according to the count conditions. (a) Phase counting mode 1 Figure 10.30 shows an example of phase counting mode 1 operation, and table 10.48 summarizes the TCNT up/down-count conditions. TCNT value Time TCLKA (channel 1) TCLKC (channel 2) TCLKB (channel 1) TCLKD (channel 2) Up-count Down-count Figure 10.30 Example of Phase Counting Mode 1 Operation Table 10.48 Up/Down-Count Conditions in Phase Counting Mode 1 TCLKA (Channel 1) TCLKC (Channel 2) TCLKB (Channel 1) TCLKD (Channel 2) Operation High level Up-count Low level Low level High level High level Down-count Low level High level Low level [Legend] : Rising edge : Falling edge |