| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 44 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 44 Page - Renesas Technology Corp |
|
44 / 1228 page ![]() Section 2 CPU Rev. 2.00 May. 08, 2008 Page 20 of 1200 REJ09B0344-0200 2.2 Data Formats 2.2.1 Data Format in Registers Register operands are always longwords (32 bits). If the size of memory operand is a byte (8 bits) or a word (16 bits), it is changed into a longword by expanding the sign-part when loaded into a register. 31 0 Longword Figure 2.4 Data Format in Registers 2.2.2 Data Formats in Memory Memory data formats are classified into bytes, words, and longwords. Memory can be accessed in 8-bit bytes, 16-bit words, or 32-bit longwords. A memory operand of fewer than 32 bits is stored in a register in sign-extended or zero-extended form. A word operand should be accessed at a word boundary (an even address of multiple of two bytes: address 2n), and a longword operand at a longword boundary (an even address of multiple of four bytes: address 4n). Otherwise, an address error will occur. A byte operand can be accessed at any address. Only big-endian byte order can be selected for the data format. Data formats in memory are shown in figure 2.5. 31 0 15 23 7 Byte Byte Byte Byte Word Word Address 2n Address 4n Longword Address m Address m + 2 Address m + 1 Address m + 3 Figure 2.5 Data Formats in Memory |