| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 43 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 43 Page - Renesas Technology Corp |
|
43 / 1228 page ![]() Section 2 CPU Rev. 2.00 May. 08, 2008 Page 19 of 1200 REJ09B0344-0200 2.1.4 Register Banks For the nineteen 32-bit registers comprising general registers R0 to R14, control register GBR, and system registers MACH, MACL, and PR, high-speed register saving and restoration can be carried out using a register bank. The register contents are automatically saved in the bank after the CPU accepts an interrupt that uses a register bank. Restoration from the bank is executed by issuing a RESBANK instruction in an interrupt processing routine. For details, refer to the SH-2A, SH2A-FPU Software Manual. 2.1.5 Initial Values of Registers Table 2.1 lists the values of the registers after a reset. Table 2.1 Initial Values of Registers Classification Register Initial Value R0 to R14 Undefined General registers R15 (SP) Value of the stack pointer in the vector address table SR Bits I[3:0] are 1111 (H'F), BO and CS are 0, reserved bits are 0, and other bits are undefined GBR, TBR Undefined Control registers VBR H'00000000 System registers MACH, MACL, PR Undefined PC Value of the program counter in the vector address table |