| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 35 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 35 Page - Renesas Technology Corp |
|
35 / 1228 page ![]() Section 1 Overview Rev. 2.00 May. 08, 2008 Page 11 of 1200 REJ09B0344-0200 Classification Symbol I/O Name Function NMI I Non-maskable interrupt Non-maskable interrupt request pin. Fix it high when not in use. IRQ7 to IRQ0 I Interrupt requests 7 to 0 Maskable interrupt request pins. Level-input or edge-input detection can be selected. When the edge- input detection is selected, the rising edge, falling edge, or both edges can also be selected. Interrupts IRQOUT O Interrupt request output Indicates that an interrupt has occurred, enabling external devices to be informed of an interrupt occurrence even while the bus mastership is released. Address bus A25 to A0 O Address bus Outputs addresses. Data bus D15 to D0 I/O Data bus Bidirectional data bus. CS7 to CS0 O Chip select 7 to 0 Chip-select signals for external memory or devices. RD O Read Indicates that data is read from an external device. RD/ WR O Read/write Read/write signal. BS O Bus start Bus-cycle start signal. AH O Address hold Address hold timing signal for the device that uses the address/data- multiplexed bus. WAIT I Wait Input signal for inserting a wait cycle into the bus cycles during access to the external space. Bus control WE0 O Byte select Indicates a write access to bits 7 to 0 of data of external memory or device. WE1 O Byte select Indicates a write access to bits 15 to 8 of data of external memory or device. |