| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 75 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 75 Page - Renesas Technology Corp |
|
75 / 1228 page ![]() Section 2 CPU Rev. 2.00 May. 08, 2008 Page 51 of 1200 REJ09B0344-0200 Compatibility Instruction Instruction Code Operation Execu- tion Cycles T Bit SH2, SH2E SH4 SH-2A STC GBR,Rn 0000nnnn00010010 GBR → Rn 1 ⎯ Yes Yes Yes STC VBR,Rn 0000nnnn00100010 VBR → Rn 1 ⎯ Yes Yes Yes STC.L SR,@-Rn 0100nnnn00000011 Rn-4 → Rn, SR → (Rn) 2 ⎯ Yes Yes Yes STC.L GBR,@-Rn 0100nnnn00010011 Rn-4 → Rn, GBR → (Rn) 1 ⎯ Yes Yes Yes STC.L VBR,@-Rn 0100nnnn00100011 Rn-4 → Rn, VBR → (Rn) 1 ⎯ Yes Yes Yes STS MACH,Rn 0000nnnn00001010 MACH → Rn 1 ⎯ Yes Yes Yes STS MACL,Rn 0000nnnn00011010 MACL → Rn 1 ⎯ Yes Yes Yes STS PR,Rn 0000nnnn00101010 PR → Rn 1 ⎯ Yes Yes Yes STS.L MACH,@-Rn 0100nnnn00000010 Rn-4 → Rn, MACH → (Rn) 1 ⎯ Yes Yes Yes STS.L MACL,@-Rn 0100nnnn00010010 Rn-4 → Rn, MACL → (Rn) 1 ⎯ Yes Yes Yes STS.L PR,@-Rn 0100nnnn00100010 Rn-4 → Rn, PR → (Rn) 1 ⎯ Yes Yes Yes TRAPA #imm 11000011iiiiiiii PC/SR → stack area, (imm × 4 + VBR) → PC 5 ⎯ Yes Yes Yes Notes: 1. Instruction execution cycles: The execution cycles shown in the table are minimums. In practice, the number of instruction execution states in cases such as the following: a. When there is a conflict between an instruction fetch and a data access b. When the destination register of a load instruction (memory → register) is the same as the register used by the next instruction. * In the event of bank overflow, the number of cycles is 19. |