| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 19 Page - Renesas Technology Corp |
|
19 / 1228 page ![]() Rev. 2.00 May. 08, 2008 Page xix of xxiv REJ09B0344-0200 16.3.3 I 2C Bus Mode Register (ICMR)............................................................................ 734 16.3.4 I 2C Bus Interrupt Enable Register (ICIER) ........................................................... 736 16.3.5 I 2C Bus Status Register (ICSR)............................................................................. 738 16.3.6 Slave Address Register (SAR) .............................................................................. 741 16.3.7 I 2C Bus Transmit Data Register (ICDRT)............................................................. 741 16.3.8 I 2C Bus Receive Data Register (ICDRR).............................................................. 742 16.3.9 I 2C Bus Shift Register (ICDRS)............................................................................ 742 16.3.10 NF2CYC Register (NF2CYC) .............................................................................. 743 16.4 Operation ........................................................................................................................... 744 16.4.1 I 2C Bus Format...................................................................................................... 744 16.4.2 Master Transmit Operation ................................................................................... 745 16.4.3 Master Receive Operation..................................................................................... 747 16.4.4 Slave Transmit Operation ..................................................................................... 749 16.4.5 Slave Receive Operation....................................................................................... 752 16.4.6 Clocked Synchronous Serial Format..................................................................... 754 16.4.7 Noise Filter ........................................................................................................... 758 16.4.8 Example of Use..................................................................................................... 759 16.5 Interrupt Requests .............................................................................................................. 763 16.6 Bit Synchronous Circuit..................................................................................................... 764 16.7 Usage Notes ....................................................................................................................... 767 16.7.1 Note on Multiple Master Usage ............................................................................ 767 16.7.2 Note on Master Receive Mode.............................................................................. 767 16.7.3 Note on Master Receive Mode with ACKBT Setting........................................... 767 16.7.4 Note on MST and TRS Bit Status When an Arbitration was Lost........................ 767 Section 17 A/D Converter (ADC)........................................................................769 17.1 Features .............................................................................................................................. 769 17.2 Input/Output Pins ............................................................................................................... 771 17.3 Register Descriptions ......................................................................................................... 772 17.3.1 A/D Control Register (ADCR) ............................................................................. 773 17.3.2 A/D Status Register (ADSR) ................................................................................ 776 17.3.3 A/D Start Trigger Select Register (ADSTRGR) ................................................... 777 17.3.4 A/D Analog Input Channel Select Register (ADANSR) ...................................... 779 17.3.5 A/D Data Registers 0 to 7 (ADDR0 to ADDR7) .................................................. 780 17.4 Operation ........................................................................................................................... 781 17.4.1 Single-Cycle Scan Mode....................................................................................... 781 17.4.2 Continuous Scan Mode ......................................................................................... 783 17.4.3 Input Sampling and A/D Conversion Time .......................................................... 785 17.4.4 A/D Converter Activation by MTU2 and MTU2S ............................................... 787 17.4.5 External Trigger Input Timing.............................................................................. 788 |