| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 489 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 489 Page - Renesas Technology Corp |
|
489 / 1228 page ![]() Section 10 Multi-Function Timer Pulse Unit 2 (MTU2) Rev. 2.00 May. 08, 2008 Page 465 of 1200 REJ09B0344-0200 (c) Phase counting mode 3 Figure 10.32 shows an example of phase counting mode 3 operation, and table 10.50 summarizes the TCNT up/down-count conditions. Time Up-count Down-count TCNT value TCLKA (channel 1) TCLKC (channel 2) TCLKB (channel 1) TCLKD (channel 2) Figure 10.32 Example of Phase Counting Mode 3 Operation Table 10.50 Up/Down-Count Conditions in Phase Counting Mode 3 TCLKA (Channel 1) TCLKC (Channel 2) TCLKB (Channel 1) TCLKD (Channel 2) Operation High level Don't care Low level Don't care Low level Don't care High level Up-count High level Down-count Low level Don't care High level Don't care Low level Don't care [Legend] : Rising edge : Falling edge |