| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 484 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 484 Page - Renesas Technology Corp |
|
484 / 1228 page ![]() Section 10 Multi-Function Timer Pulse Unit 2 (MTU2) Rev. 2.00 May. 08, 2008 Page 460 of 1200 REJ09B0344-0200 TCNT value TGRA H'0000 TIOCA Time TGRB Counter cleared by TGRA compare match Figure 10.26 Example of PWM Mode Operation (1) Figure 10.27 shows an example of PWM mode 2 operation. In this example, synchronous operation is designated for channels 0 and 1, TGRB_1 compare match is set as the TCNT clearing source, and 0 is set for the initial output value and 1 for the output value of the other TGR registers (TGRA_0 to TGRD_0, TGRA_1), outputting a 5-phase PWM waveform. In this case, the value set in TGRB_1 is used as the cycle, and the values set in the other TGRs are used as the duty levels. TCNT value TGRB_1 H'0000 TIOC0A Counter cleared by TGRB_1 compare match Time TGRA_1 TGRD_0 TGRC_0 TGRB_0 TGRA_0 TIOC0B TIOC0C TIOC0D TIOC1A Figure 10.27 Example of PWM Mode Operation (2) |