công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F72115D160FPV bảng dữ liệu(PDF) 480 Page - Renesas Technology Corp

tên linh kiện R5F72115D160FPV
Giải thích chi tiết về linh kiện  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV bảng dữ liệu(HTML) 480 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 476Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 477Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 478Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 479Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 480Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 481Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 482Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 483Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 484Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 1228 page
background image
Section 10 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 May. 08, 2008 Page 456 of 1200
REJ09B0344-0200
(5)
Cascaded Operation Example (d)
Figure 10.24 illustrates the operation when TCNT_1 and TCNT_2 have been cascaded and the
I2AE bit in TICCR has been set to 1 to include the TIOC2A pin in the TGRA_1 input capture
conditions. In this example, the IOA0 to IOA3 bits in TIOR_1 have selected TGRA_0 compare
match or input capture occurrence for the input capture timing while the IOA0 to IOA3 bits in
TIOR_2 have selected the TIOC2A rising edge for the input capture timing.
Under these conditions, as TIOR_1 has selected TGRA_0 compare match or input capture
occurrence for the input capture timing, the TIOC2A edge is not used for TGRA_1 input capture
condition although the I2AE bit in TICCR has been set to 1.
TCNT_2 value
H'0000
H'0000
TGRA_1
TGRA_2
Time
TIOC1A
TIOC2A
TCNT_1
H'0513
H'0512
H'0513
H'D000
H'FFFF
H'D000
TCNT_0 value
Time
TGRA_0
Compare match between TCNT_0 and TGRA_0
Figure 10.24 Cascaded Operation Example (d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More