| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F72115D160FPV bảng dữ liệu(PDF) 478 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV bảng dữ liệu(HTML) 478 Page - Renesas Technology Corp |
|
478 / 1228 page ![]() Section 10 Multi-Function Timer Pulse Unit 2 (MTU2) Rev. 2.00 May. 08, 2008 Page 454 of 1200 REJ09B0344-0200 TCLKC TCNT_2 FFFD TCNT_1 0001 TCLKD FFFE FFFF 0000 0001 0002 0001 0000 FFFF 0000 0000 Figure 10.21 Cascaded Operation Example (a) (3) Cascaded Operation Example (b) Figure 10.22 illustrates the operation when TCNT_1 and TCNT_2 have been cascaded and the I2AE bit in TICCR has been set to 1 to include the TIOC2A pin in the TGRA_1 input capture conditions. In this example, the IOA0 to IOA3 bits in TIOR_1 have selected the TIOC1A rising edge for the input capture timing while the IOA0 to IOA3 bits in TIOR_2 have selected the TIOC2A rising edge for the input capture timing. Under these conditions, the rising edge of both TIOC1A and TIOC2A is used for the TGRA_1 input capture condition. For the TGRA_2 input capture condition, the TIOC2A rising edge is used. TCNT_2 value H'0000 TGRA_1 TGRA_2 Time TIOC1A TIOC2A TCNT_1 H'0514 H'0513 H'0512 H'0513 H'0512 H'C256 H'C256 H'FFFF H'6128 As I1AE in TICCR is 0, data is not captured in TGRA_2 at the TIOC1A input timing. Figure 10.22 Cascaded Operation Example (b) |