| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52810-QFAA-R bảng dữ liệu(PDF) 267 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R bảng dữ liệu(HTML) 267 Page - Nordic Semiconductor |
|
267 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id H G F E D C B Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description D RW SEQSTARTED1 Write '1' to Enable interrupt for SEQSTARTED[1] event See EVENTS_SEQSTARTED[1] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled E RW SEQEND0 Write '1' to Enable interrupt for SEQEND[0] event See EVENTS_SEQEND[0] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled F RW SEQEND1 Write '1' to Enable interrupt for SEQEND[1] event See EVENTS_SEQEND[1] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled G RW PWMPERIODEND Write '1' to Enable interrupt for PWMPERIODEND event See EVENTS_PWMPERIODEND Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled H RW LOOPSDONE Write '1' to Enable interrupt for LOOPSDONE event See EVENTS_LOOPSDONE Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.12.5.4 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id H G F E D C B Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description B RW STOPPED Write '1' to Disable interrupt for STOPPED event See EVENTS_STOPPED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW SEQSTARTED0 Write '1' to Disable interrupt for SEQSTARTED[0] event See EVENTS_SEQSTARTED[0] Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled D RW SEQSTARTED1 Write '1' to Disable interrupt for SEQSTARTED[1] event See EVENTS_SEQSTARTED[1] 4430_161 v1.0 267 |