| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52810-QFAA-R bảng dữ liệu(PDF) 100 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R bảng dữ liệu(HTML) 100 Page - Nordic Semiconductor |
|
100 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Enabled 1 Read: Enabled B RW RESOLVED Write '1' to Disable interrupt for RESOLVED event See EVENTS_RESOLVED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW NOTRESOLVED Write '1' to Disable interrupt for NOTRESOLVED event See EVENTS_NOTRESOLVED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.2.5.3 STATUS Address offset: 0x400 Resolution status Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A R STATUS [0..15] The IRK that was used last time an address was resolved 6.2.5.4 ENABLE Address offset: 0x500 Enable AAR Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW ENABLE Enable or disable AAR Disabled 0 Disable Enabled 3 Enable 6.2.5.5 NIRK Address offset: 0x504 Number of IRKs Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A Reset 0x00000001 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 Id RW Field Value Id Value Description A RW NIRK [1..16] Number of Identity root keys available in the IRK data structure 4430_161 v1.0 100 |