| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52810-QFAA-R bảng dữ liệu(PDF) 104 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R bảng dữ liệu(HTML) 104 Page - Nordic Semiconductor |
|
104 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Disabled 0 Protection disabled Enabled 1 Protection enabled K RW REGION10 Enable protection for region 10. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled L RW REGION11 Enable protection for region 11. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled M RW REGION12 Enable protection for region 12. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled N RW REGION13 Enable protection for region 13. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled O RW REGION14 Enable protection for region 14. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled P RW REGION15 Enable protection for region 15. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled Q RW REGION16 Enable protection for region 16. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled R RW REGION17 Enable protection for region 17. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled S RW REGION18 Enable protection for region 18. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled T RW REGION19 Enable protection for region 19. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled U RW REGION20 Enable protection for region 20. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled V RW REGION21 Enable protection for region 21. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled W RW REGION22 Enable protection for region 22. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled X RW REGION23 Enable protection for region 23. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled Y RW REGION24 Enable protection for region 24. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled Z RW REGION25 Enable protection for region 25. Write '0' has no effect. Disabled 0 Protection disabled Enabled 1 Protection enabled 4430_161 v1.0 104 |