công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NRF52810-QFAA-R bảng dữ liệu(PDF) 7 Page - Nordic Semiconductor

tên linh kiện NRF52810-QFAA-R
Giải thích chi tiết về linh kiện  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NORDIC [Nordic Semiconductor]
Trang chủ  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R bảng dữ liệu(HTML) 7 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 3Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 4Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 5Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 6Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 7Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 8Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 9Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 10Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 11Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 483 page
background image
6.21.1 Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
397
6.21.2 Electrical specification . . . . . . . . . . . . . . . . . . . . . . . . . . . 403
6.22 TIMER — Timer/counter . . . . . . . . . . . . . . . . . . . . . . . . . . . . 403
6.22.1 Capture . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
404
6.22.2 Compare . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 404
6.22.3 Task delays . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 404
6.22.4 Task priority . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
404
6.22.5 Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
405
6.23 TWIM — I2C compatible two-wire interface master with EasyDMA . . . . . . . . . . . 411
6.23.1 EasyDMA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 412
6.23.2 Master write sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . 412
6.23.3 Master read sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . 413
6.23.4 Master repeated start sequence . . . . . . . . . . . . . . . . . . . . . . . 414
6.23.5 Low power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 415
6.23.6 Master mode pin configuration . . . . . . . . . . . . . . . . . . . . . . .
415
6.23.7 Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
416
6.23.8 Electrical specification . . . . . . . . . . . . . . . . . . . . . . . . . . . 424
6.23.9 Pullup resistor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
425
6.24 TWIS — I2C compatible two-wire interface slave with EasyDMA . . . . . . . . . . . . 425
6.24.1 EasyDMA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 427
6.24.2 TWI slave responding to a read command . . . . . . . . . . . . . . . . . . . 427
6.24.3 TWI slave responding to a write command . . . . . . . . . . . . . . . . . . . 428
6.24.4 Master repeated start sequence . . . . . . . . . . . . . . . . . . . . . . . 430
6.24.5 Terminating an ongoing TWI transaction . . . . . . . . . . . . . . . . . . . . 430
6.24.6 Low power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 431
6.24.7 Slave mode pin configuration . . . . . . . . . . . . . . . . . . . . . . . .
431
6.24.8 Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
431
6.24.9 Electrical specification . . . . . . . . . . . . . . . . . . . . . . . . . . . 439
6.25 UARTE — Universal asynchronous receiver/transmitter with EasyDMA . . . . . . . . .
439
6.25.1 EasyDMA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 440
6.25.2 Transmission . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
440
6.25.3 Reception . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
441
6.25.4 Error conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 443
6.25.5 Using the UARTE without flow control . . . . . . . . . . . . . . . . . . . .
443
6.25.6 Parity and stop bit configuration . . . . . . . . . . . . . . . . . . . . . . . 443
6.25.7 Low power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 443
6.25.8 Pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
444
6.25.9 Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
444
6.25.10 Electrical specification . . . . . . . . . . . . . . . . . . . . . . . . . .
454
6.26 WDT — Watchdog timer . . . . . . . . . . . . . . . . . . . . . . . . . . . . 454
6.26.1 Reload criteria . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
454
6.26.2 Temporarily pausing the watchdog . . . . . . . . . . . . . . . . . . . . . . 454
6.26.3 Watchdog reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 454
6.26.4 Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
455
6.26.5 Electrical specification . . . . . . . . . . . . . . . . . . . . . . . . . . . 460
7 Hardware and layout. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 461
7.1 Pin assignments . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 461
7.1.1 QFN48 pin assignments . . . . . . . . . . . . . . . . . . . . . . . . . . . 461
7.1.2 QFN32 pin assignments . . . . . . . . . . . . . . . . . . . . . . . . . . . 463
7.1.3 GPIO pins located near the radio . . . . . . . . . . . . . . . . . . . . . . .
466
7.2 Mechanical specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 466
7.2.1 QFN48 6 x 6 mm package . . . . . . . . . . . . . . . . . . . . . . . . . . 466
7.2.2 QFN32 5 x 5 mm package . . . . . . . . . . . . . . . . . . . . . . . . . . 467
4430_161 v1.0
vii



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More