| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NRF52810-QFAA-R bảng dữ liệu(PDF) 266 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R bảng dữ liệu(HTML) 266 Page - Nordic Semiconductor |
|
266 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id H G F E D C B Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description Enabled 1 Enable C RW SEQSTARTED0 Enable or disable interrupt for SEQSTARTED[0] event See EVENTS_SEQSTARTED[0] Disabled 0 Disable Enabled 1 Enable D RW SEQSTARTED1 Enable or disable interrupt for SEQSTARTED[1] event See EVENTS_SEQSTARTED[1] Disabled 0 Disable Enabled 1 Enable E RW SEQEND0 Enable or disable interrupt for SEQEND[0] event See EVENTS_SEQEND[0] Disabled 0 Disable Enabled 1 Enable F RW SEQEND1 Enable or disable interrupt for SEQEND[1] event See EVENTS_SEQEND[1] Disabled 0 Disable Enabled 1 Enable G RW PWMPERIODEND Enable or disable interrupt for PWMPERIODEND event See EVENTS_PWMPERIODEND Disabled 0 Disable Enabled 1 Enable H RW LOOPSDONE Enable or disable interrupt for LOOPSDONE event See EVENTS_LOOPSDONE Disabled 0 Disable Enabled 1 Enable 6.12.5.3 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id H G F E D C B Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description B RW STOPPED Write '1' to Enable interrupt for STOPPED event See EVENTS_STOPPED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW SEQSTARTED0 Write '1' to Enable interrupt for SEQSTARTED[0] event See EVENTS_SEQSTARTED[0] Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 4430_161 v1.0 266 |