công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XS3F-M8PVC4S2M bảng dữ liệu(PDF) 51 Page - Omron Electronics LLC

tên linh kiện XS3F-M8PVC4S2M
Giải thích chi tiết về linh kiện  Proximity Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M8PVC4S2M bảng dữ liệu(HTML) 51 Page - Omron Electronics LLC

Back Button XS3F-M8PVC4S2M Datasheet HTML 45Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 46Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 47Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 48Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 49Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 50Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 51Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 52Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 53Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 51 / 53 page
background image
E2E/E2EQ NEXT Series
51
E2E/E2EQ NEXT Series
(Double distance/Single distance/Spatter-resistant, Double distance/Single distance model)
DC 3-Wire
BASIC Model
Pre-wired Model/Pre-wired Connector Model
Shielded/Unshielded
Connector Models
(M12 Connector, M8 (4-pin) Connector and M8 (3-pin) Connector)
Shielded/Unshielded
Indicators
Standard I/O mode (SIO mode):
Operation indicator (orange/ON),
comunication indicator (green/OFF)
IO-Link Communication mode (COM mode):
Operation indicator (orange/ON),
comunication indicator
(green/Flashing (1sec cycle)
Vinyl-insulated round cable with
4 conductors
M12 size: 4.3-dia.
M18, M30 size: 6-dia.
(Conductor cross section: 0.2 mm2
(AWG24),
Insulator diameter: 1.05 mm),
Standard length: 2 m
Vinyl-insulated round cable with
3 conductors
M8, M12 size: 4-dia.
M18, M30 size: 6-dia.
(Conductor cross section:
0.2 mm2 (AWG24),
Insulator diameter: 1.05 mm),
Standard length: 0.3 m
Vinyl-insulated round cable with
4 conductors
M12 size: 4.3-dia.
M18, M30 size: 6-dia.
(Conductor cross section: 0.2 mm2
(AWG24),
Insulator diameter: 1.05 mm),
Standard length: 0.3 m
Pre-wired Connector Models (M1TJ)
Pre-wired Models
(Operation mode: NO+NC Type)
(Operation mode: NO+NC Type)
(Operation mode: NO, NC Type)
(Operation mode: NO, NC Type)
M12×P1
Vinyl-insulated round cable with
3 conductors
M8, M12 size: 4-dia.
M18, M30 size: 6-dia.
(Conductor cross section:
0.2 mm2 (AWG24),
Insulator diameter: 1.05 mm),
Standard length: 2 m
D
C
H
F
J
G
E
A
I
B
Toothed washer
Two clamping nuts
Shielded
Unshielded
*1. If using the E2EQ, refer to ( ) dimensions.
*2. Mounting part of sensor lock O-ring (Y92E-J□S□) ---: Out of a subject.
*3. When using X30M□30, refer to (15).
Model
A
B
C
D E
F *1
G *2 H
I
J
E2E(Q)-X
□8
M8XP1
37.8 4.4 26 --- 10 (8)
4
3 15 13
E2E(Q)-X
□12 M12XP1 47.1 3.7 33 --- 12 (10) 4
4 21 17
E2E(Q)-X
□18 M18XP1 55.3 8.5 38 --- 12 (10) 4
4 29 24
E2E(Q)-X
□30 M30XP1.5 60.3 8.3 43 --- 12 (10) 4
5 42 36
E2E-X
□L8
M8XP1
47.8 4.4 36 ---
8
---
3 15 13
E2E-X
□L12
M12XP1
69.1 3.7 55 ---
10
---
4 21 17
E2E-X
□L18
M18XP1
77.3 8.5 60 ---
10
---
4 29 24
E2E-X
□L30
M30XP1.5 82.3 8.3 65 ---
10
---
5 42 36
Model
A
B
C
D
E *3
F G *2 H
I
J
E2E-X
□M□8
M8XP1
37.8 4.4 26
6
8
---
3 15 13
E2E-X
□M□12 M12XP1 47.1 3.7 33
7
10
---
4 21 17
E2E-X□M□18
M18XP1
55.3 8.5 38
10
10
---
4 29 24
E2E-X□M□30
M30XP1.5 60.3 8.3 43
13
10
---
5 42 36
E2E-X□M□L8
M8XP1
47.8 4.4 36
6
8
---
3 15 13
E2E-X□M□L12
M12XP1
69.1 3.7 55
7
10
---
4 21 17
E2E-X□M□L18
M18XP1
77.3 8.5 60
10
10
---
4 29 24
E2E-X□M□L30
M30XP1.5 82.3 8.3 65 130 (15) 10
---
5 42 36
C
D
H
F
G
E
B
J
I
A
Toothed washer
Two clamping nuts
Model E2E(Q)-X
@8-M1;
Shape of connection.
Indicators
Standard I/O mode (SIO mode):
Operation indicator (orange/ON),
comunication indicator (green/OFF)
IO-Link Communication mode (COM mode):
Operation indicator (orange/ON),
comunication indicator
(green/Flashing (1sec cycle)
Shielded
Unshielded
*1. If using the E2EQ, refer to ( ) dimensions.
*2. Mounting part of sensor lock O-ring (Y92E-J□S□) ---: Out of a subject.
*3. When using X30M□30, refer to (15).
Model
A
B
C
D E
F
*1
G
*2 H
I
J
E2E(Q)-X
□30
X
□8-M3/M5
M8XP1
39 M8XP1
26 --- 10
(8) 4
3 15 13
E2E(Q)-X
□8-M1 M8XP1
43 M12XP1 26 --- 10
(8) 4
3 15 13
E2E(Q)-X
□12-M1 M12XP1
48 M12XP1 33 --- 12
(10) 4
4 21 17
E2E(Q)-X
□18-M1 M18XP1
53 M12XP1 38 --- 12
(10) 4
4 29 24
E2E(Q)-X
□30-M1 M30XP1.5 58 M12XP1 43 --- 12
(10) 4
5 42 36
E2E-X
□L8-M3/M5 M8XP1
49 M8XP1
36 ---
8
--- 3 15 13
E2E-X
□L8-M1
M8XP1
53 M12XP1 36 ---
8
--- 3 15 13
E2E-X
□L12-M1 M12XP1 70 M12XP1 55 --- 10 --- 4 21 17
E2E-X
□L18-M1 M18XP1 75 M12XP1 60 --- 10 --- 4 29 24
E2E-X
□L30-M1 M30XP1.5 80 M12XP1 65 --- 10 --- 5 42 36
Model
A
B
C
D
E
*3 F
G
*2 H
I
J
E2E-X□M□8-M3/M5 M8XP1
39 M8XP1
26 6
8 --- 3 15 13
E2E-X
□M□8-M1 M8XP1
43 M12XP1 26 6
8 --- 3 15 13
E2E-X
□M□12-M1 M12XP1 48 M12XP1 26 7 10 --- 4 21 17
E2E-X□M□18-M1
M18XP1
53 M12XP1 38 10 10 --- 4 29 24
E2E-X□M□30-M1
M30XP1.5 58 M12XP1 43 13 10 --- 5 42 36
E2E-X□M□L8-M3-M5 M8XP1
49 M8XP1
36 6
8 --- 3 15 13
E2E-X□M□L8-M1
M8XP1
53 M12XP1 36 6
8 --- 3 15 13
E2E-X□M□L12-M1 M12XP1 70 M12XP1 55 7 10 --- 4 21 17
E2EX□M□L18-M1
M18XP1
75 M12XP1 60 10 10 --- 4 29 24
E2E-X□M□L30-M1 M30XP1.5 80 M12XP1 65 130
(15) 10 --- 5 42 36
Mounting Hole Dimensions
Dimensions
F (mm)
M8
8.5 dia.
M12
12.5 dia.
M18
18.5 dia.
M30
30.5 dia.
F
+0.5
0
+0.5
0
+0.5
0
+0.5
0
Angle R of the
Bending Wire
Dimensions R (mm)
M8
12
M12
M18
18
M30
10 mm
R
Wire pullout position
Dimensions Sc (mm)
M8
- (0)
M12
M18
2.5
M30
Sc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com