công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XS3F-M8PVC4S2M bảng dữ liệu(PDF) 1 Page - Omron Electronics LLC

tên linh kiện XS3F-M8PVC4S2M
Giải thích chi tiết về linh kiện  Proximity Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M8PVC4S2M bảng dữ liệu(HTML) 1 Page - Omron Electronics LLC

  XS3F-M8PVC4S2M Datasheet HTML 1Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 2Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 3Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 4Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 5Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 6Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 7Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 8Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
1
Proximity Sensor
E2E/E2EQ NEXT Series
DC 3-Wire
Enables easier and standardized designs
previously not possible
• Exceptional sensing distance*1. Nearly double the sensing
distance of previous models.
• With high-brightness LED, indicator is visible 360° around.
• Only 10 seconds*2 to replace a Proximity Sensor with the Quick
fix (Mounting Sleeve).
• Cables with enhanced oil resistance have 2-year oil resistance*3.
• IP69K compliant for water resistance and wash resistance*4
• UL certification (UL60947-5-2)*5 and CSA certification (CSA
C22.2 UL60947-5-2-14)
• All PNP models come standard with IO-Link
*1. Based on December 2018 OMRON investigation.
*2. Time required to adjust the distance when installing a Sensor. Based on OMRON investigation.
*3. Refer to Ratings and Specifications for details. However, E2E Connector Models and E2EQ series is excluded.
*4. E2EQ series is excluded.
*5. M8 (4-pin) Connector Models are not UL certified.
Features
For the most recent information on models that have been
certified for safety standards, refer to your OMRON website.
Be sure to read Safety Precautions on page 47.
*6. Based on December 2018 OMRON investigation.
*7. Quadruple distance models of M12 sized
9mm
Exceptional
sensing
range *6
*7
*3
Triple distance model
6mm [M12]
Quadruple distance model
9mm [M12]
1
1 location,allnewE2ESensors
can be monitored
with IO-Link
degree view
with high visibility
LED indicator
10
10
360°
360°
second replaceable
with quick fix (adaptor)
2
-year
Strong resistance to
cutting oil
PREMIUM Model
[M12]
• The PREMIUM Model, which has longer detection
range than previous models, allows for flexible designs
with lower risk of collision.
• Enables users to standardize sesors sizes to reduce
inventory needs.
In addition to our HIGH SPEC Models, we also
offer mid/short-distance BASIC Models, to
meet various equipment design requirement
specifications.
New standards for usability
*8. Time required to adjust the distance when installing a Sensor. Based on OMRON investigation.
ent design requirement
BASIC Model
Double distance model
4mm [M12]
Single distance model
2mm [M12]
Early error detection
Quick recovery
Fewer unexpected
equipment shutdowns
User-friendly design
oil resistance *9
*9. E2E Connector Models and E2EQ series is
excluded.
*8


Số phần tương tự - XS3F-M8PVC4S2M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Omron Electronics LLC
XS3F-M8PVC4S2M OMRON-XS3F-M8PVC4S2M Datasheet
1Mb / 14P
Round Water-resistant Connectors (M8)
XS3F-M8PVC4S2M OMRON-XS3F-M8PVC4S2M Datasheet
2Mb / 38P
Sensor connectors, reflectors, mounting brackets, accessories
XS3F-M8PVC4S2M OMRON-XS3F-M8PVC4S2M Datasheet
12Mb / 52P
Proximity Sensor
XS3F-M8PVC4S2M-EU OMRON-XS3F-M8PVC4S2M-EU Datasheet
1Mb / 14P
Magnetic non-contact safety switches
More results

Mô tả tương tự - XS3F-M8PVC4S2M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
Proximity sensor
574339 FESTO-574339 Datasheet
87Kb / 2P
Proximity sensor
574342 FESTO-574342 Datasheet
91Kb / 2P
Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
Proximity sensor
2427615 FESTO-2427615 Datasheet
87Kb / 2P
Proximity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com