công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XS3F-M8PVC4S2M bảng dữ liệu(PDF) 10 Page - Omron Electronics LLC

tên linh kiện XS3F-M8PVC4S2M
Giải thích chi tiết về linh kiện  Proximity Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M8PVC4S2M bảng dữ liệu(HTML) 10 Page - Omron Electronics LLC

Back Button XS3F-M8PVC4S2M Datasheet HTML 6Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 7Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 8Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 9Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 10Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 11Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 12Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 13Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
E2E/E2EQ NEXT Series
10
E2EQ NEXT Series (Spatter-resistant Triple distance model)
DC 3-wire [Refer to Dimensions on page 50.]
Shielded *1
*1. When embedding the Proximity Sensor in metal, refer to Influence of Surrounding Metal on page 48.
*2. Models with 5-m cable length are also available (Example: E2EQ-X6B1D12 5M)
Note: 1. Models in
are equipped with IO-Link (COM2). For IO-Link (COM3), select a model number with the format of "E2E-X
□□□T□"
(Example: E2EQ-X6B1T12 2M).
Operation mode NO can be changed to NC via IO-Link communications.
2. IO-Link is not supported for NC-type PNP outputs or all types of NPN outputs.
Size (Sensing
distance)
Connection method
Body size
Operation
mode
Model
PNP
NPN
M8
(3 mm)
Pre-wired (2 m) *2
38 mm
NO
E2EQ-X3B1D8 2M
E2EQ-X3C18 2M
NC
E2EQ-X3B28 2M
E2EQ-X3C28 2M
M12 Pre-wired
Smartclick Connector (0.3 m)
38 mm
NO
E2EQ-X3B1D8-M1TJ 0.3M
E2EQ-X3C18-M1TJ 0.3M
NC
E2EQ-X3B28-M1TJ 0.3M
E2EQ-X3C28-M1TJ 0.3M
M12 Connector
43 mm
NO
E2EQ-X3B1D8-M1
E2EQ-X3C18-M1
NC
E2EQ-X3B28-M1
E2EQ-X3C28-M1
M12
(6 mm)
Pre-wired (2 m) *2
47 mm
NO
E2EQ-X6B1D12 2M
E2EQ-X6C112 2M
NC
E2EQ-X6B212 2M
E2EQ-X6C212 2M
NO+NC
E2EQ-X6B3D12 2M
E2EQ-X6C312 2M
M12 Pre-wired
Smartclick Connector (0.3 m)
47 mm
NO
E2EQ-X6B1D12-M1TJ 0.3M
E2EQ-X6C112-M1TJ 0.3M
NC
E2EQ-X6B212-M1TJ 0.3M
E2EQ-X6C212-M1TJ 0.3M
NO+NC
E2EQ-X6B3D12-M1TJ 0.3M
E2EQ-X6C312-M1TJ 0.3M
M12 Connector
48 mm
NO
E2EQ-X6B1D12-M1
E2EQ-X6C112-M1
NC
E2EQ-X6B212-M1
E2EQ-X6C212-M1
NO+NC
E2EQ-X6B3D12-M1
E2EQ-X6C312-M1
M18
(12 mm)
Pre-wired (2 m) *2
55 mm
NO
E2EQ-X12B1D18 2M
E2EQ-X12C118 2M
NC
E2EQ-X12B218 2M
E2EQ-X12C218 2M
NO+NC
E2EQ-X12B3D18 2M
E2EQ-X12C318 2M
M12 Pre-wired
Smartclick Connector (0.3 m)
55 mm
NO
E2EQ-X12B1D18-M1TJ 0.3M
E2EQ-X12C118-M1TJ 0.3M
NC
E2EQ-X12B218-M1TJ 0.3M
E2EQ-X12C218-M1TJ 0.3M
NO+NC
E2EQ-X12B3D18-M1TJ 0.3M
E2EQ-X12C318-M1TJ 0.3M
M12 Connector
53 mm
NO
E2EQ-X12B1D18-M1
E2EQ-X12C118-M1
NC
E2EQ-X12B218-M1
E2EQ-X12C218-M1
NO+NC
E2EQ-X12B3D18-M1
E2EQ-X12C318-M1
M30
(22 mm)
Pre-wired (2 m) *2
60 mm
NO
E2EQ-X22B1D30 2M
E2EQ-X22C130 2M
NC
E2EQ-X22B230 2M
E2EQ-X22C230 2M
NO+NC
E2EQ-X22B3D30 2M
E2EQ-X22C330 2M
M12 Pre-wired
Smartclick Connector (0.3 m)
60 mm
NO
E2EQ-X22B1D30-M1TJ 0.3M
E2EQ-X22C130-M1TJ 0.3M
NC
E2EQ-X22B230-M1TJ 0.3M
E2EQ-X22C230-M1TJ 0.3M
NO+NC
E2EQ-X22B3D30-M1TJ 0.3M
E2EQ-X22C330-M1TJ 0.3M
M12 Connector
58 mm
NO
E2EQ-X22B1D30-M1
E2EQ-X22C130-M1
NC
E2EQ-X22B230-M1
E2EQ-X22C230-M1
NO+NC
E2EQ-X22B3D30-M1
E2EQ-X22C330-M1
PREMIUM Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com