công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XS3F-M8PVC4S2M bảng dữ liệu(PDF) 27 Page - Omron Electronics LLC

tên linh kiện XS3F-M8PVC4S2M
Giải thích chi tiết về linh kiện  Proximity Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M8PVC4S2M bảng dữ liệu(HTML) 27 Page - Omron Electronics LLC

Back Button XS3F-M8PVC4S2M Datasheet HTML 23Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 24Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 25Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 26Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 27Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 28Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 29Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 30Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 31Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
E2E/E2EQ NEXT Series
27
E2EQ NEXT Series (Spatter-resistant Triple distance model)
DC 3-wire
Shielded
*1. The response frequency is an average value. Measurement conditions are as follows: standard sensing object, a distance of twice the standard
sensing object, and a set distance of half the sensing distance.
*2. IO-Link is not supported for NC-type PNP outputs or all types of NPN outputs.
*3. Weight of the standard body-sized model.
Types
Triple distance Models
Size
M8
M12
M18
M30
Item
Model
E2EQ-X3
□8
E2EQ-X6
□12
E2EQ-X12
□18
E2EQ-X22
□30
Sensing distance
3 mm±10%
6 mm±10%
12 mm±10%
22 mm±10%
Setting distance
0 to 2.4 mm
0 to 4.8 mm
0 to 9.6 mm
0 to 16.8 mm
Differential travel
15% max. of sensing distance
Detectable object
Ferrous metals (For non-ferrous metals, refer to the Engineering Data on page 34.)
Standard sensing object
Iron, 9 × 9 × 1 mm
Iron, 18 × 18 × 1 mm
Iron, 36 × 36 × 1 mm
Iron, 66 × 66 × 1 mm
Response frequency *1
1,000 Hz
800 Hz
500 Hz
200 Hz
Power supply voltage
10 to 30 VDC (including 10% ripple (p-p)), Class 2
Current consumption
1-output models: 16 mA max.
1-output models: 16 mA max.
2-output models: 20 mA max.
Output configuration
B
□ Models: PNP open collector, C□ Models: NPN open collector
Operation mode
(with sensing object
approaching)
1-output models (B1, C1): NO
(Normally open),
1-output models (B2, C2): NC
(Normally closed)
1-output models (B1, C1): NO (Normally open),
1-output models (B2, C2): NC (Normally closed),
2-output models (B3, C3): NO+NC (Normally open, Normally closed)
Control
output
Load current
1-output models: 10 to 30 VDC,
Class 2, 100 mA max.
1-output models: 10 to 30 VDC, Class 2, 100 mA max.,,
2-output models: 10 to 30 VDC, Class 2, 50 mA max.
Residual
voltage
1-output models: 2 V max.
(Load current: 100 mA,
Cable length: 2 m)
1-output models: 2 V max. (Load current: 100 mA, Cable length: 2 m),
2-output models: 2 V max. (Load current: 50 mA, Cable length: 2 m)
Indicator *2
In the Standard I/O mode (SIO mode): Operation indicator (orange, lit) and communication indicator (green, not lit)
In the IO-Link communication mode (COM mode): Operation indicator (orange, lit) and communication indicator (green, blinking at 1 s
intervals)
Protection circuits
Power supply reverse polarity protection, Surge suppressor, Output short-circuit protection, Output reverse polarity protection
Ambient temperature range Operating/Storage: -25 to 70°C (with no icing or condensation)
Ambient humidity range
Operating/Storage: 35% to 95% (with no condensation)
Temperature influence
±10% max. of sensing distance at 23°C in the temperature range of -25 to 70°C
Voltage influence
±1% max. of sensing distance at rated voltage in the rated voltage ±15% range
Insulation resistance
50 M min. (at 500 VDC) between current-carrying parts and case
Dielectric strength
1,000 VAC, 50/60 Hz for 1 minute between current-carrying parts and case
Vibration resistance (destruction) 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance (destruction) 500 m/s
2
10 times each in X, Y,
and Z directions
1,000 m/s2 10 times each in X, Y, and Z directions
Degree of protection
Pre-wired Models, Pre-wired Connector Models: IEC 60529: IP67, JIS C 0920 Annex 1: IP67G
Connector Models: IEC 60529: IP67
Connection method
Pre-wired Models (Standard cable length: 2 m) and Pre-wired Connector Models (Standard cable length: 0.3 m), M12 Connector Models
Weight *3
(packed
state)
Pre-wired
Models
Approx. 85 g
Approx. 95 g
Approx. 180 g
Approx. 260 g
M12 Pre-wired
Smartclick
Connector
Approx. 55 g
Approx. 70 g
Approx. 115 g
Approx. 200 g
Connector
Approx. 40 g
Approx. 55 g
Approx. 95 g
Approx. 180 g
Materials
Case
Fluororesin coating (Base material: brass)
Sensing surface Fluorine resin
Clamping nuts Fluororesin coating (Base material: brass)
Toothed
washers
Zinc-plated iron
Cable
Vinyl chloride (PVC)
Main IO-Link functions *2
Operation mode switching between NO and NC, sensor internals failure alert, excessive target proximity alarm selection, control
output timer function selection (ON delay, OFF delay, One shot options), instability detection alarm with ON delay timer selection,
monitor output strength, operating hours read-out, readout of the sensor internal temperature, and factory reset
IO-Link
Communic
ation
specificati
ons *2
IO-Link
specification
Ver 1.1
Baud rate
COM2 (38.4 kbps), COM3 (230.4 kbps)
Data length
PD size: 2 bytes, OD size: 1 byte (M-sequence type: TYPE_2_2)
Minimum cycle
time
COM2: 2.3 ms, COM3: 0.4 ms
Accessories
Instruction manual, Clamping nuts, Toothed washer
PREMIUM Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com