công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XS3F-M8PVC4S2M bảng dữ liệu(PDF) 44 Page - Omron Electronics LLC

tên linh kiện XS3F-M8PVC4S2M
Giải thích chi tiết về linh kiện  Proximity Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M8PVC4S2M bảng dữ liệu(HTML) 44 Page - Omron Electronics LLC

Back Button XS3F-M8PVC4S2M Datasheet HTML 40Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 41Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 42Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 43Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 44Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 45Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 46Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 47Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 48Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
E2E/E2EQ NEXT Series
44
PNP output
Please contact your OMRON sales representative regarding assignment of data.
*1. For models with IO-Link, the operation mode can be changed by the IO-Link communications.
*2. If using a model with IO-Link as a general sensor or using a model without IO-Link, it operates in the standard I/O mode (SIO mode).
*5
*5
*4
*4
*5
*4
Sensing
object
(%)
100
0
80
20
Nonsensing
area
Unstable
Sensing
area
Rated Sensing distance
Stable
Sensing area
Set position
ProximitySensor
Excessive proximity judgment distance *7
Flashing
(1sec cycle)
Flashing
(1sec cycle)
Flashing
(1sec cycle)
Output mode
Standard
I/O mode
(SIO mode) *2
NO+NC
NO
NC
NO
Operation
mode *1
Comunication indicator (green) : Always OFF
Operation indicator (orange)
ON
ON
OFF
ON
OFF
OFF
Control output *3
Comunication indicator (green) : Always OFF
Operation indicator (orange)
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
Control output *3
Comunication indicator (green) : Always OFF
Operation indicator (orange)
Comunication indicator (green)
Operation indicator (orange)
Comunication indicator (green)
Operation indicator (orange)
Comunication indicator (green)
Operation indicator (orange)
Control output 1 *3
Control output 2 *3
1
0
1
0
1
0
1
0
1
0
1
0
1
0
Control output1 (PD1_bit0) *3
1
0
1
0
Excessive proximity detection (PD1_bit5)
Control output (PD1_bit0) *3
Instability detection *6 (PD1_bit4)
Excessive proximity detection (PD1_bit5)
Control output (PD1_bit0) *3
Instability detection *6 (PD1_bit4)
Excessive proximity detection (PD1_bit5)
Instability detection *6 (PD1_bit4)
1
0
NC
NO+NC
ON
OFF
IO-Link
Communication
mode
(COM mode)
Control output2 (PD1_bit1) *3
*3. The timer function of the control
output can be set up by the IO-Link
communications. (It is able to select
ON delay, OFF delay, or one-shot
function and select a timer time of 1
to 16,383ms (T).)
*4. The excessive target proximity
diagnosis function can be selected
by the IO-Link communications.
*5. The instability detection diagnosis
can be selected by the IO-Link
communications.
*6. The judgment time for the instability
detection diagnosis can be selected
by the IO-Link communications.
(For the ON delay timer function, the
setting can be selected from 0
(invalid), 10, 50, 100, 300, 500, or
1000 ms.)
*7. The judgment distance of the
excessive target proximity diagnosis
function can be selected by the IO-
Link communications.
(The distance can be selected as a
combination of the material of the
object detected, such as iron,
aluminum, or SUS and the sensing
distance of approximately 10, 20, or
30%. However, it is not allowed to
select a combination of aluminum
and 30%.)
Please contact your OMRON sales
representative regarding the IO-Link
setup file (IODD file).
ON delay
OFF delay
1
0
1
0
NO
NC
ON
OFF
ON
OFF
T
T
Present
Not
present
Sensing
object
NO
NC
ON
OFF
ON
OFF
1
0
1
0
T
T
Present
Not
present
Sensing
object
One shot
1
0
1
0
T
T
NO
NC
ON
OFF
ON
OFF
Present
Not
present
Sensing
object



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com