công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XS3F-M8PVC4S2M bảng dữ liệu(PDF) 25 Page - Omron Electronics LLC

tên linh kiện XS3F-M8PVC4S2M
Giải thích chi tiết về linh kiện  Proximity Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M8PVC4S2M bảng dữ liệu(HTML) 25 Page - Omron Electronics LLC

Back Button XS3F-M8PVC4S2M Datasheet HTML 21Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 22Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 23Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 24Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 25Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 26Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 27Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 28Page - Omron Electronics LLC XS3F-M8PVC4S2M Datasheet HTML 29Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
E2E/E2EQ NEXT Series
25
E2E NEXT Series (Quadruple/Triple distance model)
DC 3-wire
Unshielded
Types
Quadruple distance model
Triple distance model
Size
M8
M12
M18
M30
M8
M12
M18
M30
Item
Model E2E-X8M
□8
E2E-
X16M
□12
E2E-
X30M
□18
E2E-
X50M
□30
E2E-X6M
□8
E2E-
X10M
□12
E2E-
X20M
□18
E2E-
X40M
□30
Sensing distance
8 mm±10%
16 mm±10%
30 mm±10%
50 mm±10%
6 mm±10%
10 mm±10%
20 mm±10%
40 mm±10%
Setting distance
0 to 6 mm
0 to 12.2 mm
0 to 23 mm
0 to 38.2 mm
0 to 4.8 mm
0 to 8 mm
0 to 16 mm
0 to 32 mm
Differential travel
15% max. of sensing distance
Detectable object
Ferrous metals (For non-ferrous metals, refer to the Engineering Data on page 34.)
Standard sensing
object
Iron,
24 × 24 × 1 mm
Iron,
48 × 48 × 1 mm
Iron,
90 × 90 × 1 mm
Iron,
150 × 150 × 1 mm
Iron,
18 × 18 × 1 mm
Iron,
30 × 30 × 1 mm
Iron,
60 × 60 × 1 mm
Iron,
120 × 120 × 1 mm
Response frequency
*1
500 Hz
400 Hz
200 Hz
100 Hz
800 Hz
400 Hz
200 Hz
100 Hz
Power supply voltage 10 to 30 VDC (including 10% ripple (p-p)), Class 2
Current consumption 1-output models: 16 mA max.
1-output models: 16 mA max.,
2-output models: 20 mA max.
Output configuration
B
□ Models: PNP open collector
C
□ Models: NPN open collector
Operation mode
(with sensing object
approaching)
1-output models (B1, C1): NO (Normally open),
1-output models (B2, C2): NC (Normally closed)
1-output models (B1, C1): NO (Normally open),
1-output models (B2, C2): NC (Normally closed),
2-output models (B3, C3):
NO+NC (Normally open, Normally closed)
Control
output
Load
current
1-output models:
10 to 30 VDC, Class 2, 50 mA max.
1-outputmodels:
10 to 30 VDC,
Class 2, 100 mA
max.
1-output models:
10 to 30 VDC, Class 2, 100 mA max.,
2-output models:
10 to 30 VDC, Class 2, 50 mA max.
Residual
voltage
1-output models:
2 V max. (Load current: 50 mA, Cable length: 2 m)
1-outputmodels:
2 V max.
(Load current:
100 mA, Cable
length: 2 m)
1-output models:
2 V max. (Load current: 100 mA, Cable length: 2 m),
2-output models:
2 V max. (Load current: 50 mA, Cable length: 2 m)
Indicator *2
In the Standard I/O mode (SIO mode): Operation indicator (orange, lit) and communication indicator (green, not lit)
In the IO-Link communication mode (COM mode): Operation indicator (orange, lit) and communication indicator (green, blinking at 1 s intervals)
Protection circuits
Power supply reverse polarity protection, Surge suppressor, Output short-circuit protection, Output reverse polarity protection
Ambient temperature
range
Operating/Storage: -25 to 70°C (with no icing or condensation)
Ambient humidity
range
Operating/Storage: 35% to 95% (with no condensation)
Temperature
influence
±15% max. of sensing distance at 23°C in the temperature range of
-25 to 70°C
±10% max. of sensing distance at 23°C in the temperature range of
-25 to 70°C
Voltage influence
±1% max. of sensing distance at rated voltage in the rated voltage ±15% range
Insulation resistance
50 M min. (at 500 VDC) between current-carrying parts and case
Dielectric strength
1,000 VAC, 50/60 Hz for 1 minute between current-carrying parts and case
Vibration resistance
(destruction)
10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
(destruction)
500 m/s2 10
times each in
X, Y, and Z
directions
1,000 m/s2 10 times each in X, Y, and Z directions
500 m/s2 10
times each in
X, Y, and Z
directions
1,000 m/s2 10 times each in X, Y, and Z directions
Degree of protection
Pre-wired Models, Pre-wired Connector Models: IEC 60529:IP67, ISO 20653 (old standard: DIN 40050 PART9): IP69K, JIS C 0920 Annex
1: IP67G, Passed OMRON's Oil-resistant Component Evaluation Standards *3 (Cutting oil type: specified in JIS K 2241: 2000; Temperature:
35°C max.)
Connector Models: IEC 60529: IP67, ISO 20653 (old standard: DIN 40050 PART9): IP69K
Connection method
Pre-wired Models (Standard cable length: 2 m), Pre-wired Connector Models (Standard cable length: 0.3 m) and Connector Models (M12
Connector, M8 (4-pin) Connector and M8 (3-pin) Connector)
Weight*4
(packed
state)
Pre-wired
Approx. 85 g
Approx. 95 g
Approx. 190 g
Approx. 310 g
Approx. 85 g
Approx. 95 g
Approx. 190 g
Approx. 280 g
M12
Pre-wired
Smartclick
Connector
Approx. 55 g
Approx. 70 g
Approx. 125 g
Approx. 250 g
Approx. 55 g
Approx. 70 g
Approx. 125 g
Approx. 220 g
Connector Approx. 40 g *5 Approx. 55 g
Approx. 105 g
Approx. 230 g
Approx. 40 g *5 Approx. 55 g
Approx. 105 g
Approx. 200 g
PREMIUM Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com