công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F121BCAFP bảng dữ liệu(PDF) 27 Page - Renesas Technology Corp

tên linh kiện R5F121BCAFP
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F121BCAFP bảng dữ liệu(HTML) 27 Page - Renesas Technology Corp

Back Button R5F121BCAFP Datasheet HTML 23Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 24Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 25Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 26Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 27Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 28Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 29Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 30Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 85 page
background image
RL78/G16
2. ELECTRICAL SPECIFICATIONS (TA
= −40 to +85°C)
R01DS0431EJ0130
Rev.1.30
Page 27 of 85
May 19, 2025
2.1
Absolute Maximum Ratings
[TA = 25°C]
Item
Symbol
Condition
Rating
Unit
Supply voltage
VDD
−0.5 to +6.5
V
Input voltage
VI1
−0.3 to V
DD + 0.3
Note 1
V
Output voltage
VO1
−0.3 to V
DD + 0.3
V
Output current, high
IOH1
Per pin
−40
mA
Total of all pins
P06, P07, P20 to P23, P40 to P43, P121,
P122, P125
−70
mA
−170mA
P00 to P05, P10 to P17
−100
mA
Output current, low
IOL1
Per pin
40
mA
Total of all pins
P06, P07, P20 to P23, P40 to P43, P121,
P122, P125
100
mA
170mA
P00 to P05, P10 to P17, P60, P61
100
mA
Operating ambient
temperature
TA
−40 to +85
°C
Storage temperature
Tstg
−65 to +150
°C
Note 1.
This must be no greater than 6.5 V.
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
item. That is, the absolute maximum ratings are rated values at which the product is on the verge of
suffering physical damage, and therefore the product must be used under conditions that ensure that
the absolute maximum ratings are not exceeded.
Remark 1.
The characteristics of functions multiplexed on a given pin are the same as those for the port pin unless
otherwise specified.
Remark 2.
The reference voltage is VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com