công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F121BCAFP bảng dữ liệu(PDF) 60 Page - Renesas Technology Corp

tên linh kiện R5F121BCAFP
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F121BCAFP bảng dữ liệu(HTML) 60 Page - Renesas Technology Corp

Back Button R5F121BCAFP Datasheet HTML 56Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 57Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 58Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 59Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 60Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 61Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 62Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 63Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 85 page
background image
RL78/G16
3. ELECTRICAL SPECIFICATIONS (TA
= −40 to +105°C, TA = −40 to +125°C)
R01DS0431EJ0130
Rev.1.30
Page 60 of 85
May 19, 2025
3.4
AC Characteristics
[TA =
−40 to +105°C: G products, TA = −40 to +125°C: M products, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V]
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Instruction cycle (minimum
instruction execution time)
TCY
When high-speed on-chip
oscillator clock (fIH) is
selected
2.4 V
≤ VDD ≤ 5.5 V
0.0625
1.0
µs
When high-speed system
clock (fMX) is selected
2.4 V
≤ VDD ≤ 5.5 V
0.0833
1.0
µs
Subsystem clock (fSUB)
operation
2.4 V
≤ VDD ≤ 5.5 V
28.5
30.5
31.3
µs
In the self-programming
mode
2.4 V
≤ VDD ≤ 5.5 V
0.0625
1.0
µs
External system clock
frequency
fEX
2.4 V
≤ VDD ≤ 5.5 V
1.0
16
MHz
External system clock input
high-level width, low-level
width
tEXH, tEXL
2.4 V
≤ VDD ≤ 5.5 V
30
ns
TI00 to TI07 input high-level
width, low-level width
tTIH, tTIL
Noise filter is not used
1/fMCK + 10
ns
TO00 to TO07 output
frequency
fTO
4.0 V
≤ VDD ≤ 5.5 V
8
MHz
2.7 V
≤ VDD < 4.0 V
5
MHz
2.4 V
≤ VDD < 2.7 V
4
MHz
PCLBUZ0 output frequency
fPCL
4.0 V
≤ VDD ≤ 5.5 V
10
MHz
2.7 V
≤ VDD < 4.0 V
5
MHz
2.4 V
≤ VDD < 2.7 V
4
MHz
RESET
¯¯¯¯¯¯ low-level width
tRSL
10
µs
Remark
fMCK: Timer array unit operating clock frequency
(Operation clock to be set by timer clock select register 0 (TPS0) and the CKS0n1 bit of timer mode register
0n (TMR0n). n: Channel number (n = 0 to 7).)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com