công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F121BCAFP bảng dữ liệu(PDF) 64 Page - Renesas Technology Corp

tên linh kiện R5F121BCAFP
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F121BCAFP bảng dữ liệu(HTML) 64 Page - Renesas Technology Corp

Back Button R5F121BCAFP Datasheet HTML 60Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 61Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 62Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 63Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 64Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 65Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 66Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 67Page - Renesas Technology Corp R5F121BCAFP Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 85 page
background image
RL78/G16
3. ELECTRICAL SPECIFICATIONS (TA
= −40 to +105°C, TA = −40 to +125°C)
R01DS0431EJ0130
Rev.1.30
Page 64 of 85
May 19, 2025
(2)
Simplified SPI (CSI) mode (master mode, SCKp... internal clock output)
[TA =
−40 to +105°C: G products, TA = −40 to +125°C: M products, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V]
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
SCKp cycle time
tKCY1
tKCY1
≥ 4/f
CLK
2.7 V
≤ V
DD
≤ 5.5 V
250
ns
2.4 V
≤ V
DD
≤ 5.5 V
500
ns
SCKp high-/low-level width
tKH1, tKL1
2.7 V
≤ V
DD
≤ 5.5 V
tKCY1/2
− 36
ns
2.4 V
≤ V
DD
≤ 5.5 V
tKCY1/2
− 76
ns
SIp setup time
(to SCKp
↑)Note 1
tSIK1
2.7 V
≤ V
DD
≤ 5.5 V
66
ns
2.4 V
≤ V
DD
≤ 5.5 V
113
ns
SIp hold time
(from SCKp
↑)Note 1
tKSI1
38
ns
Delay time from SCKp
↓ to SOp
outputNote 2
tKSO1
C = 30 pFNote 3, Note 4
66
ns
Note 1.
When DAP0n = 0 and CKP0n = 0, or DAP0n = 1 and CKP0n = 1. The SIp setup time becomes “to SCKp
↓”
and the SIp hold time becomes “from SCKp
↓” when DAP0n = 0 and CKP0n = 1, or DAP0n = 1 and CKP0n =
0.
Note 2.
When DAP0n = 0 and CKP0n = 0, or DAP0n = 1 and CKP0n = 1. The delay time to SOp output becomes
“from SCKp
↓” when DAP0n = 0 and CKP0n = 1, or DAP0n = 1 and CKP0n = 0.
Note 3.
C is the load capacitance of the SCKp and SOp output lines.
Note 4.
External loads on P60
and P61 in the case of the SOp output line: R = 1 kΩ, C = 30 pF
(3)
Simplified SPI (CSI) mode (slave mode, SCKp... external clock input)
[TA =
−40 to +105°C: G products, TA = −40 to +125°C: M products, 2.4 V ≤ VDD ≤ 5.5 V, VSS = 0 V]
Item
Symbol
Condition
MIN.
TYP.
MAX.
Unit
SCKp cycle time
tKCY2
2.7 V
≤ V
DD
≤ 5.5 V
12/fMCK
ns
2.4 V
≤ V
DD
≤ 5.5 V
12/fMCK and
also 1000
ns
SCKp high-/low-level width
tKH2,tKL2
2.7 V
≤ V
DD
≤ 5.5 V
tKCY2/2
− 16
ns
2.4 V
≤ V
DD
≤ 5.5 V
tKCY2/2
− 36
ns
SIp setup time
(to SCKp
↑)Note 1
tSIK2
2.7 V
≤ V
DD
≤ 5.5 V
1/fMCK + 40
ns
2.4 V
≤ V
DD
≤ 5.5 V
1/fMCK + 60
ns
SIp hold time
(from SCKp
↑)Note 1
tKSI2
2.4 V
≤ V
DD
≤ 5.5 V
1/fMCK + 62
ns
Delay time from SCKp
↓ to SOp
output Note 2
tKSO2
C = 30 pF
Note 3, Note 4
2.7 V
≤ V
DD
≤ 5.5 V
2/fMCK + 66
ns
2.4V
≤ V
DD
≤ 5.5V
2/fMCK + 113
ns
Note 1.
When DAP0n = 0 and CKP0n = 0, or DAP0n = 1 and CKP0n = 1. The SIp setup time becomes “to SCKp
↓”
and the SIp hold time becomes “from SCKp
↓” when DAP0n = 0 and CKP0n = 1, or DAP0n = 1 and CKP0n =
0.
Note 2.
When DAP0n = 0 and CKP0n = 0, or DAP0n = 1 and CKP0n = 1. The delay time to SOp output becomes
“from SCKp
↓” when DAP0n = 0 and CKP0n = 1, or DAP0n = 1 and CKP0n = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com