| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JS48F4400P0P3C0 bảng dữ liệu(PDF) 36 Page - Numonyx B.V |
|
|
|||||||||||||||||||||||||||||
JS48F4400P0P3C0 bảng dữ liệu(HTML) 36 Page - Numonyx B.V |
|
36 / 139 page ![]() Numonyx™ StrataFlash® Cellular Memory (M18) Datasheet April 2008 36 309823-10 Notes: 1. Only available on stacked device combinations with NAND, SRAM, and/or LPSDRAM die. Otherwise treated as RFU. 2. F2-OE# and N-RE# share the same package ball at location H9. Only one signal function is available, depending on the stacked device combination. 3. P-CRE and P-MODE# share the same package ball at location K9. Only one signal function is available, depending on the stacked device combination. 4. S-CS1# and N-WE# share the same package ball at location J2. Only one signal function is available, depending on the stacked device combination. 5. The F2-VCC signal applies to a NAND flash die if one exists; if not, the F2-VCC signal applies to the NOR flash die. |