| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OTPL40FD bảng dữ liệu(PDF) 139 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OTPL40FD bảng dữ liệu(HTML) 139 Page - ABB |
|
139 / 192 page ![]() OTZW25 OTZW26 — 6 and 8-pole switch mechanism Attachment levers for connecting two 3- or 4-pole switches provided with holes, enabling different shaft distances. The combination switches can be mounted either horizontally or vertically. OESAZW2 includes also OHB145J12. Suitable for switches Shaft distance Type Order code Weight/ unit mm kg OT160G, OT160EV...250E, OT200U 45+(0...13)x15 OESAZW2 1SCA022078R1600 0.80 OT315...800E,OT400...600U 60+(0...19)x20 OETLZW9 1SCA022061R3300 1.10 — Change-over switch mechanism Attachment levers. Two switches connected with a mechanism operating into I-O-II -positions. Two 3 or 4-pole switches needed. Suitable for switches Shaft distance Type Order code Weight/ unit mm kg OT160G, OT160EV...250E, OT200U 210+(0...18)x20 OTZW25 1SCA022778R6920 2.80 OT315...400E, OT400U 210+(0...11)x20 OETLZW11 1SCA022078R0030 3.00 OT630...800E, OT600U 210+(0…20)x20 OETLZW12 1SCA022078R0200 4.60 See the table of the handles and shafts included in the conversion kits on next spread. — By-pass switch mechanism A combination of two switches in parallel with a third switch for change-over operation to by-pass, for example, a breaker for maintenance. Three 3 or 4-pole switches needed. Suitable for switches Shaft distance Type Order code Weight/ unit mm kg OT160G, OT160EV...250E, OT200U Between 1 and 2: 210+(0...9)x20 Between 1 and 3: 250+(0...9)x20 OTZW26 1SCA022778R7060 3.30 OT315...800E, OT400...600U Between 1 and 2: 210+(0…18)x20 Between 1 and 3: 250+(0…18)x20 OETLZW13 1SCA022078R0460 4.00 — Mechanical interlock mechanism Prevents one switch from moving to ON-position, if the other is not in OFF-position. When mounted upside down, prevents one switch from moving to OFF-position, if the other is not in ON-position. (UPS-usage, make-before-break). Suitable for switches Shaft distance Type Order code Weight/ unit mm kg OT160EV...250E, OT200U 190 OTZW10 1SCA022431R5280 0.40 OT315...400E, OT400U 250 OETLZW14 1SCA022077R3410 0.70 OT315...800E, OT400...600U 300 OETLZW3 1SCA022049R0380 0.80 OT315...4000E, OT400...2000U 500 OETLZW15 1SCA022081R9340 1.24 See the table of the handles and shafts included in the conversion kits on next spread. — Accessories for manual switch-disconnectors OT160...4000 Ordering information for conversion kits OESAZW2 OETLZW14 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 139 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 139 |