| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OTPL40FD bảng dữ liệu(PDF) 126 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OTPL40FD bảng dữ liệu(HTML) 126 Page - ABB |
|
126 / 192 page ![]() — Accessories for manual switch-disconnectors OT160...4000 Dimensional drawings for pistol handles Plastic handles, type OHB Stainless steel handles Door drilling for OHM_ handles: Ø31/1.22 Ø5/0.2 45° 53/2.09 53/ 2.09 Handle type Shaft diameter B Length L Length L mm mm in OHM65L6 6 65 2.56 OHM125L12 12 125 4.92 OHM175L12 12 175 6.89 OHM275L12 12 275 10.83 L B 37/1.46 51/2.01 Ø69/2.72 Handle type Length L Length L mm in OHB150J12P 300 11.81 OHB200J12P 400 15.75 Ø31/1.22 Ø5/0.2 45° 53/2.09 53/ 2.09 Door drilling for OHB_ handles: 54/2.13 71/2.76 80/3.15 L Ø69,4 /27.32 mm/in Main dimensions mm, inches 126 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 126 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION |