| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OTPL40FD bảng dữ liệu(PDF) 112 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OTPL40FD bảng dữ liệu(HTML) 112 Page - ABB |
|
112 / 192 page ![]() — Manual switch-disconnectors OT160...4000 Dimensional drawings Front operated non-fusible disconnect switches OT200...2000, base mounting, UL/CSA 0,67 17 A1 A2 1,20 26 B1 B2 C2 C1 1,38 35 140 140 5,51 120 4,72 70 2,76 mm in 26 1,02 58 2,28 0,43 11 Ø 5 0,20 75 2,95 A B 25 0,98 0,49 12,5 150 5,91 (OXP) 12x166) 5,75 8,90 146...226 3,35 85 40 1,58 8,66 220 7,28 185 5,91 150 0,16 4 33 1,30 126/51,5 4,96/2,03 12 0,47 45 1,77 0,79 20 min 3,74 95 M00019/OT400U01_04 E OT400 [mm/in] U01 U02 U03 U04 A - 54/2,13 54/2,13 54/2,13 B 113/4,45 167/6,58 221/8,70 275/10,83 A1 140/5,51 140/5,51 140/5,51 140/5,51 A2 88/3,47 142/5,59 196/7,72 250/9,84 B1135/5,32135/5,32 135/5,32 135/5,32 B2106/4,17160/4,17 214/8,43 268/10,55 C1104/4,09104/4,09 104/4,09 104/4,09 C2124/4,88178/7,01 232/9,13 286/11,27 0,67 17 A1 A2 1,20 26 B1 B2 C2 C1 1,38 35 140 140 5,51 120 4,72 70 2,76 mm in 26 1,02 58 2,28 0,43 11 Ø 5 0,20 75 2,95 A B 25 0,98 0,49 12,5 150 5,91 (OXP) 12x166) 5,75 8,90 146...226 3,35 85 40 1,58 8,66 220 7,28 185 5,91 150 0,16 4 33 1,30 126/51,5 4,96/2,03 12 0,47 45 1,77 0,79 20 min 3,74 95 M00019/OT400U01_04 E OT400 [mm/in] U01 U02 U03 U04 A - 54/2,13 54/2,13 54/2,13 B 113/4,45 167/6,58 221/8,70 275/10,83 A1 140/5,51 140/5,51 140/5,51 140/5,51 A2 88/3,47 142/5,59 196/7,72 250/9,84 B1135/5,32135/5,32 135/5,32 135/5,32 B2106/4,17160/4,17 214/8,43 268/10,55 C1104/4,09104/4,09 104/4,09 104/4,09 C2124/4,88178/7,01 232/9,13 286/11,27 ABB Oy Piirustus No. Document No. Teki Prepared Hyväksyi Approved Tarkasti Checked 13*OT400U11_22 F 2273 4253 05-06-21 T Rintamäenpää Low Voltage Products 140 120 70 25 58 11 5 12,5 150 A B 54 40 4 50 33 220 185 85 20 165...245 (OXP 12x185) 45 C3 C1 C2 B3 B1 B2 A3 A1 A2 OT400 U11 U12 U13 U22 A B A1 A2 A3 B1 B2 B3 C1 C2 C3 129 / 5,08 172 / 6,77 140 / 5,51 142 / 5,59 71 / 2,80 135 / 5,32 160 / 6,30 80 / 3,15 104 / 4,09 178 / 7,01 89 / 3,50 129 / 5,08 226 / 8,90 140 / 5,51 196 / 7,72 71 / 2,80 135 / 5,32 214 / 8,43 80 / 3,15 104 / 4,09 232 / 9,13 89 / 3,50 129 / 5,08 280 / 11,02 140 / 5,51 250 / 9,84 71 / 2,80 135 / 5,32 268 / 10,55 80 / 3,15 104 / 4,09 286 / 11,26 89 / 3,50 183 / 7,21 280 / 11,02 140 / 5,51 250 / 9,84 125 / 4,92 135 / 5,32 268 / 10,55 134 / 5,28 104 / 4,09 286 / 11,27 143 / 5,63 12 95 0,98 2,28 Ø 0,43 0,20 0,49 2,76 4,72 5,51 5,91 2,13 1,30 7,28 8,66 1,97 0,16 0,47 1,77 3,74 0,79 min 1,58 3,35 6,50 9,65 mm / in mm / in mm / in mm / in mm in 126/51,5 4,96/2,03 22 0,87 ABB Oy Piirustus No. Document No. Teki Prepared Hyväksyi Approved Tarkasti Checked 13*OT400U11_22 F 2273 4253 05-06-21 T Rintamäenpää Low Voltage Products 140 120 70 25 58 11 5 12,5 150 A B 54 40 4 50 33 220 185 85 20 165...245 (OXP 12x185) 45 C3 C1 C2 B3 B1 B2 A3 A1 A2 OT400 U11 U12 U13 U22 A B A1 A2 A3 B1 B2 B3 C1 C2 C3 129 / 5,08 172 / 6,77 140 / 5,51 142 / 5,59 71 / 2,80 135 / 5,32 160 / 6,30 80 / 3,15 104 / 4,09 178 / 7,01 89 / 3,50 129 / 5,08 226 / 8,90 140 / 5,51 196 / 7,72 71 / 2,80 135 / 5,32 214 / 8,43 80 / 3,15 104 / 4,09 232 / 9,13 89 / 3,50 129 / 5,08 280 / 11,02 140 / 5,51 250 / 9,84 71 / 2,80 135 / 5,32 268 / 10,55 80 / 3,15 104 / 4,09 286 / 11,26 89 / 3,50 183 / 7,21 280 / 11,02 140 / 5,51 250 / 9,84 125 / 4,92 135 / 5,32 268 / 10,55 134 / 5,28 104 / 4,09 286 / 11,27 143 / 5,63 12 95 0,98 2,28 Ø 0,43 0,20 0,49 2,76 4,72 5,51 5,91 2,13 1,30 7,28 8,66 1,97 0,16 0,47 1,77 3,74 0,79 min 1,58 3,35 6,50 9,65 mm / in mm / in mm / in mm / in mm in 126/51,5 4,96/2,03 22 0,87 OT400U_ Main dimensions mm, inches OT400U_ [mm/in] U01 U02 U03 U04 A - 54/2,13 54/2,13 54/2,13 B 113/4,45 167/6,58 221/8,70 275/10,83 A1 140/5,51 140/5,51 140/5,51 140/5,51 A2 88/3,47 142/5,59 196/7,72 250/9,84 B1 135/5,32 135/5,32 135/5,32 135/5,32 B2 106/4,17 160/4,17 214/8,43 268/10,55 C1 104/4,09 104/4,09 104/4,09 104/4,09 C2 124/4,88 178/7,01 232/9,13 286/11,27 M00019/OT400U01_04 E OT400U_ [mm/in] U11 U12 U13 U22 A 129/5,08 129/5,08 129/5,08 183/7,21 B 172/6,77 226/8,90 280/11,02 280/11,02 A1 140/5,51 140/5,51 140/5,51 140/5,51 A2 142/5,59 196/7,72 250/9,84 250/9,84 A3 71/2,80 71/2,80 71/2,80 125/4,92 B1 135/5,32 135/5,32 135/5,32 135/5,32 B2 160/6,30 214/8,43 268/10,55 268/10,55 B3 80/3,15 80/3,15 80/3,15 134/5,28 C1 104/4,09 104/4,09 104/4,09 104/4,09 C2 178/7,01 232/9,13 286/11,26 286/11,27 C3 89/3,50 89/3,50 89/3,50 143/5,63 M00020/OT400U11_22 F 112 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 112 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION |