công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRA752ABC bảng dữ liệu(PDF) 129 Page - Texas Instruments

tên linh kiện DRA752ABC
Giải thích chi tiết về linh kiện  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC bảng dữ liệu(HTML) 129 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 125Page - Texas Instruments DRA752ABC Datasheet HTML 126Page - Texas Instruments DRA752ABC Datasheet HTML 127Page - Texas Instruments DRA752ABC Datasheet HTML 128Page - Texas Instruments DRA752ABC Datasheet HTML 129Page - Texas Instruments DRA752ABC Datasheet HTML 130Page - Texas Instruments DRA752ABC Datasheet HTML 131Page - Texas Instruments DRA752ABC Datasheet HTML 132Page - Texas Instruments DRA752ABC Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 443 page
background image
129
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-23. GPIOs Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpio5_31
General-Purpose Input/Output
IO
W2
GPIO 6
gpio6_4
General-Purpose Input/Output
IO
A13
gpio6_5
General-Purpose Input/Output
IO
G14
gpio6_6
General-Purpose Input/Output
IO
F14
gpio6_7
General-Purpose Input/Output
IO
B16
gpio6_8
General-Purpose Input/Output
IO
C15
gpio6_9
General-Purpose Input/Output
IO
A16
gpio6_10
General-Purpose Input/Output
IO
AC5
gpio6_11
General-Purpose Input/Output
IO
AB4
gpio6_12
General-Purpose Input/Output
IO
AB10
gpio6_13
General-Purpose Input/Output
IO
AC10
gpio6_14
General-Purpose Input/Output
IO
E21
gpio6_15
General-Purpose Input/Output
IO
F20
gpio6_16
General-Purpose Input/Output
IO
F21
gpio6_17
General-Purpose Input/Output
IO
D18
gpio6_18
General-Purpose Input/Output
IO
E17
gpio6_19
General-Purpose Input/Output
IO
B26
gpio6_20
General-Purpose Input/Output
IO
C23
gpio6_21
General-Purpose Input/Output
IO
W6
gpio6_22
General-Purpose Input/Output
IO
Y6
gpio6_23
General-Purpose Input/Output
IO
AA6
gpio6_24
General-Purpose Input/Output
IO
Y4
gpio6_25
General-Purpose Input/Output
IO
AA5
gpio6_26
General-Purpose Input/Output
IO
Y3
gpio6_27
General-Purpose Input/Output
IO
W7
gpio6_28
General-Purpose Input/Output
IO
Y9
gpio6_29
General-Purpose Input/Output
IO
AD4
gpio6_30
General-Purpose Input/Output
IO
AC4
gpio6_31
General-Purpose Input/Output
IO
AC7
GPIO 7
gpio7_0
General-Purpose Input/Output
IO
AC6
gpio7_1
General-Purpose Input/Output
IO
AC9
gpio7_2
General-Purpose Input/Output
IO
AC3
gpio7_3
General-Purpose Input/Output
IO
R6
gpio7_4
General-Purpose Input/Output
IO
T9
gpio7_5
General-Purpose Input/Output
IO
T6
gpio7_6
General-Purpose Input/Output
IO
T7
gpio7_7
General-Purpose Input/Output
IO
A25
gpio7_8
General-Purpose Input/Output
IO
F16
gpio7_9
General-Purpose Input/Output
IO
B25
gpio7_10
General-Purpose Input/Output
IO
A24
gpio7_11
General-Purpose Input/Output
IO
A22
gpio7_12
General-Purpose Input/Output
IO
B21
gpio7_13
General-Purpose Input/Output
IO
B20
gpio7_14
General-Purpose Input/Output
IO
A26
gpio7_15
General-Purpose Input/Output
IO
B22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More