| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRA752ABC bảng dữ liệu(PDF) 126 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA752ABC bảng dữ liệu(HTML) 126 Page - Texas Instruments |
|
126 / 443 page ![]() 126 DRA756, DRA755, DRA754, DRA752 DRA751, DRA750, DRA746, DRA745, DRA744 SPRS950F – DECEMBER 2015 – REVISED MAY 2019 www.ti.com Submit Documentation Feedback Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744 Terminal Configuration and Functions Copyright © 2015–2019, Texas Instruments Incorporated Table 4-23. GPIOs Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL gpio1_22 General-Purpose Input/Output IO AC8 gpio1_23 General-Purpose Input/Output IO AD6 gpio1_24 General-Purpose Input/Output IO AB8 gpio1_25 General-Purpose Input/Output IO AB5 gpio1_26 General-Purpose Input/Output IO P6 gpio1_27 General-Purpose Input/Output IO R9 gpio1_28 General-Purpose Input/Output IO R5 gpio1_29 General-Purpose Input/Output IO P5 gpio1_30 General-Purpose Input/Output IO N7 gpio1_31 General-Purpose Input/Output IO R4 GPIO 2 gpio2_0 General-Purpose Input/Output IO N9 gpio2_1 General-Purpose Input/Output IO P9 gpio2_2 General-Purpose Input/Output IO P4 gpio2_3 General-Purpose Input/Output IO R3 gpio2_4 General-Purpose Input/Output IO T2 gpio2_5 General-Purpose Input/Output IO U2 gpio2_6 General-Purpose Input/Output IO U1 gpio2_7 General-Purpose Input/Output IO P3 gpio2_8 General-Purpose Input/Output IO R2 gpio2_9 General-Purpose Input/Output IO K7 gpio2_10 General-Purpose Input/Output IO M7 gpio2_11 General-Purpose Input/Output IO J5 gpio2_12 General-Purpose Input/Output IO K6 gpio2_13 General-Purpose Input/Output IO J7 gpio2_14 General-Purpose Input/Output IO J4 gpio2_15 General-Purpose Input/Output IO J6 gpio2_16 General-Purpose Input/Output IO H4 gpio2_17 General-Purpose Input/Output IO H5 gpio2_18 General-Purpose Input/Output IO H6 gpio2_19 General-Purpose Input/Output IO T1 gpio2_20 General-Purpose Input/Output IO P2 gpio2_21 General-Purpose Input/Output IO P1 gpio2_22 General-Purpose Input/Output IO P7 gpio2_23 General-Purpose Input/Output IO N1 gpio2_24 General-Purpose Input/Output IO M5 gpio2_25 General-Purpose Input/Output IO M3 gpio2_26 General-Purpose Input/Output IO N6 gpio2_27 General-Purpose Input/Output IO M4 gpio2_28 General-Purpose Input/Output IO N2 gpio2_29 General-Purpose Input/Output IO B17 gpio2_30 General-Purpose Input/Output IO AG8 gpio2_31 General-Purpose Input/Output IO AH7 GPIO 3 gpio3_0 General-Purpose Input/Output IO AD9 gpio3_1 General-Purpose Input/Output IO AF9 gpio3_2 General-Purpose Input/Output IO AE9 |