| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRA752ABC bảng dữ liệu(PDF) 127 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA752ABC bảng dữ liệu(HTML) 127 Page - Texas Instruments |
|
127 / 443 page ![]() 127 DRA756, DRA755, DRA754, DRA752 DRA751, DRA750, DRA746, DRA745, DRA744 www.ti.com SPRS950F – DECEMBER 2015 – REVISED MAY 2019 Submit Documentation Feedback Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744 Terminal Configuration and Functions Copyright © 2015–2019, Texas Instruments Incorporated Table 4-23. GPIOs Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL gpio3_3 General-Purpose Input/Output IO AF8 gpio3_4 General-Purpose Input/Output IO AE8 gpio3_5 General-Purpose Input/Output IO AD8 gpio3_6 General-Purpose Input/Output IO AG7 gpio3_7 General-Purpose Input/Output IO AH6 gpio3_8 General-Purpose Input/Output IO AH3 gpio3_9 General-Purpose Input/Output IO AH5 gpio3_10 General-Purpose Input/Output IO AG6 gpio3_11 General-Purpose Input/Output IO AH4 gpio3_12 General-Purpose Input/Output IO AG4 gpio3_13 General-Purpose Input/Output IO AG2 gpio3_14 General-Purpose Input/Output IO AG3 gpio3_15 General-Purpose Input/Output IO AG5 gpio3_16 General-Purpose Input/Output IO AF2 gpio3_17 General-Purpose Input/Output IO AF6 gpio3_18 General-Purpose Input/Output IO AF3 gpio3_19 General-Purpose Input/Output IO AF4 gpio3_20 General-Purpose Input/Output IO AF1 gpio3_21 General-Purpose Input/Output IO AE3 gpio3_22 General-Purpose Input/Output IO AE5 gpio3_23 General-Purpose Input/Output IO AE1 gpio3_24 General-Purpose Input/Output IO AE2 gpio3_25 General-Purpose Input/Output IO AE6 gpio3_26 General-Purpose Input/Output IO AD2 gpio3_27 General-Purpose Input/Output IO AD3 gpio3_28 General-Purpose Input/Output IO E1 gpio3_29 General-Purpose Input/Output IO G2 gpio3_30 General-Purpose Input/Output IO H7 gpio3_31 General-Purpose Input/Output IO G1 GPIO 4 gpio4_0 General-Purpose Input/Output IO G6 gpio4_1 General-Purpose Input/Output IO F2 gpio4_2 General-Purpose Input/Output IO F3 gpio4_3 General-Purpose Input/Output IO D1 gpio4_4 General-Purpose Input/Output IO E2 gpio4_5 General-Purpose Input/Output IO D2 gpio4_6 General-Purpose Input/Output IO F4 gpio4_7 General-Purpose Input/Output IO C1 gpio4_8 General-Purpose Input/Output IO E4 gpio4_9 General-Purpose Input/Output IO F5 gpio4_10 General-Purpose Input/Output IO E6 gpio4_11 General-Purpose Input/Output IO D3 gpio4_12 General-Purpose Input/Output IO F6 gpio4_13 General-Purpose Input/Output IO D5 gpio4_14 General-Purpose Input/Output IO C2 gpio4_15 General-Purpose Input/Output IO C3 gpio4_16 General-Purpose Input/Output IO C4 |