| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRA752ABC bảng dữ liệu(PDF) 77 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA752ABC bảng dữ liệu(HTML) 77 Page - Texas Instruments |
|
77 / 443 page ![]() Copyright © 2015–2019, Texas Instruments Incorporated Terminal Configuration and Functions Submit Documentation Feedback Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744 77 DRA756, DRA755, DRA754, DRA752 DRA751, DRA750, DRA746, DRA745, DRA744 www.ti.com SPRS950F – DECEMBER 2015 – REVISED MAY 2019 Table 4-2. Ball Characteristics(1) (continued) BALL NUMBER [1] BALL NAME [2] SIGNAL NAME [3] 74x [4] MUXMODE [5] TYPE [6] BALL RESET STATE [7] BALL RESET REL. STATE [8] BALL RESET REL. MUXMODE [9] I/O VOLTAGE VALUE [10] POWER [11] HYS [12] BUFFER TYPE [13] PULL UP/DOWN TYPE [14] DSIS [15] E11 vout1_vsync vout1_vsync 0 O PD PD 15 1.8/3.3 vddshv2 Yes Dual Voltage LVCMOS PU/PD vin4a_vsync0 3 I 0 vin3a_vsync0 4 I 0 spi3_sclk 8 IO 0 gpio4_23 14 IO Driver off 15 I A1, A14, A2, A23, A28, A6, AA10, AA14, AA15, AA20, AA8, AA9, AB14, AB20, AD1, AD24, AG1, AH1, AH2, AH20, AH28, AH8, B1, D13, D19, E13, E19, F1, F7, G7, G8, G9, H12, J12, J15, J28, K1, K15, K24, K25, K4, K5, L13, L14, M19, N14, N15, N19, N24, N25, P28, R1, R12, R13, R15, R21, T10, T11, T12, T14, T15, T17, T18, T21, U15, U17, U20, U21, V15, V17, W1, W15, W24, W25, W28 vss vss GND AD19, AE19 vssa_hdmi vssa_hdmi GND AF15 vssa_osc0 vssa_osc0 GND AC14 vssa_osc1 vssa_osc1 GND AD13, AE13 vssa_pcie vssa_pcie GND AE10 vssa_sata vssa_sata GND AA11, AB11 vssa_usb vssa_usb GND AD10 vssa_usb3 vssa_usb3 GND U14 vssa_video vssa_video GND AD17 Wakeup0 Wakeup0 0 I OFF OFF 15 1.8/3.3 vddshv5 Yes IHHV1833 PU/PD dcan1_rx 1 I 1 gpio1_0 14 I Driver off 15 I AC17 Wakeup1 Wakeup1 0 I OFF OFF 15 1.8/3.3 vddshv5 Yes IHHV1833 PU/PD dcan2_rx 1 I 1 gpio1_1 14 I Driver off 15 I |