công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRA752ABC bảng dữ liệu(PDF) 20 Page - Texas Instruments

tên linh kiện DRA752ABC
Giải thích chi tiết về linh kiện  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC bảng dữ liệu(HTML) 20 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 16Page - Texas Instruments DRA752ABC Datasheet HTML 17Page - Texas Instruments DRA752ABC Datasheet HTML 18Page - Texas Instruments DRA752ABC Datasheet HTML 19Page - Texas Instruments DRA752ABC Datasheet HTML 20Page - Texas Instruments DRA752ABC Datasheet HTML 21Page - Texas Instruments DRA752ABC Datasheet HTML 22Page - Texas Instruments DRA752ABC Datasheet HTML 23Page - Texas Instruments DRA752ABC Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 443 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
20
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 4-2. Ball Characteristics(1) (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
74x [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE [10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
L24
ddr2_d20
ddr2_d20
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
J23
ddr2_d21
ddr2_d21
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
K22
ddr2_d22
ddr2_d22
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
J20
ddr2_d23
ddr2_d23
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
L27
ddr2_d24
ddr2_d24
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
L26
ddr2_d25
ddr2_d25
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
L25
ddr2_d26
ddr2_d26
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
L28
ddr2_d27
ddr2_d27
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
M23
ddr2_d28
ddr2_d28
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
M24
ddr2_d29
ddr2_d29
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
F24
ddr2_d3
ddr2_d3
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
M25
ddr2_d30
ddr2_d30
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
M26
ddr2_d31
ddr2_d31
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
F26
ddr2_d4
ddr2_d4
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
F27
ddr2_d5
ddr2_d5
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
E27
ddr2_d6
ddr2_d6
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
E28
ddr2_d7
ddr2_d7
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
H23
ddr2_d8
ddr2_d8
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
H25
ddr2_d9
ddr2_d9
0
IO
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
F28
ddr2_dqm0
ddr2_dqm0
0
O
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
G24
ddr2_dqm1
ddr2_dqm1
0
O
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
K23
ddr2_dqm2
ddr2_dqm2
0
O
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy
M22
ddr2_dqm3
ddr2_dqm3
0
O
PU
PU
1.35/1.5/1.8 vdds_ddr2
No
LVCMOS
DDR
Pux/PDy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More