| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRA752ABC bảng dữ liệu(PDF) 100 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA752ABC bảng dữ liệu(HTML) 100 Page - Texas Instruments |
|
100 / 443 page ![]() 100 DRA756, DRA755, DRA754, DRA752 DRA751, DRA750, DRA746, DRA745, DRA744 SPRS950F – DECEMBER 2015 – REVISED MAY 2019 www.ti.com Submit Documentation Feedback Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744 Terminal Configuration and Functions Copyright © 2015–2019, Texas Instruments Incorporated Table 4-4. VIP Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL vin2a_d7 Video Input 2 Port A Data input I E4 / V4 vin2a_d8 Video Input 2 Port A Data input I F5 / V3 vin2a_d9 Video Input 2 Port A Data input I E6 / Y2 vin2a_d10 Video Input 2 Port A Data input I D3 / U6 vin2a_d11 Video Input 2 Port A Data input I F6 / U3 vin2a_d12 Video Input 2 Port A Data input I D5 vin2a_d13 Video Input 2 Port A Data input I C2 vin2a_d14 Video Input 2 Port A Data input I C3 vin2a_d15 Video Input 2 Port A Data input I C4 vin2a_d16 Video Input 2 Port A Data input I B2 vin2a_d17 Video Input 2 Port A Data input I D6 vin2a_d18 Video Input 2 Port A Data input I C5 vin2a_d19 Video Input 2 Port A Data input I A3 vin2a_d20 Video Input 2 Port A Data input I B3 vin2a_d21 Video Input 2 Port A Data input I B4 vin2a_d22 Video Input 2 Port A Data input I B5 vin2a_d23 Video Input 2 Port A Data input I A4 vin2b_clk1 Video Input 2 Port B Clock input I AB5 / H7 vin2b_de1 Video Input 2 Port B Data Enable input I AB8 / G2 vin2b_fld1 Video Input 2 Port B Field ID input I G2 vin2b_hsync1 Video Input 2 Port B Horizontal Sync input I AC5 / G1 vin2b_vsync1 Video Input 2 Port B Vertical Sync input I AB4 / G6 vin2b_d0 Video Input 2 Port B Data input I AD6 / A4 vin2b_d1 Video Input 2 Port B Data input I AC8 / B5 vin2b_d2 Video Input 2 Port B Data input I AC3 / B4 vin2b_d3 Video Input 2 Port B Data input I AC9 / B3 vin2b_d4 Video Input 2 Port B Data input I AC6 / A3 vin2b_d5 Video Input 2 Port B Data input I AC7 / C5 vin2b_d6 Video Input 2 Port B Data input I AC4 / D6 vin2b_d7 Video Input 2 Port B Data input I AD4 / B2 Video Input 3 vin3a_clk0 Video Input 3 Port A Clock input I B11 / AH7 / P1 vin3a_de0 Video Input 3 Port A Data Enable input I N9 / B3 / B10 vin3a_fld0 Video Input 3 Port A Field ID input I P9 / B4 / D11 vin3a_hsync0 Video Input 3 Port A Horizontal Sync input I N7 / B5 / C11 vin3a_vsync0 Video Input 3 Port A Vertical Sync input I R4 / A4 / E11 vin3a_d0 Video Input 3 Port A Data input I M6 / AF1 / B7 vin3a_d1 Video Input 3 Port A Data input I M2 / AE3 / B8 vin3a_d2 Video Input 3 Port A Data input I L5 / AE5 / A7 vin3a_d3 Video Input 3 Port A Data input I M1 / AE1 / A8 vin3a_d4 Video Input 3 Port A Data input I L6 / AE2 / C9 vin3a_d5 Video Input 3 Port A Data input I L4 / AE6 / A9 vin3a_d6 Video Input 3 Port A Data input I L3 / AD2 / B9 vin3a_d7 Video Input 3 Port A Data input I L2 / AD3 / A10 vin3a_d8 Video Input 3 Port A Data input I L1 / B2 / E8 vin3a_d9 Video Input 3 Port A Data input I K2 / D6 / D9 vin3a_d10 Video Input 3 Port A Data input I J1 / C5 / D7 |