| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRA752ABC bảng dữ liệu(PDF) 89 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA752ABC bảng dữ liệu(HTML) 89 Page - Texas Instruments |
|
89 / 443 page ![]() Copyright © 2015–2019, Texas Instruments Incorporated Terminal Configuration and Functions Submit Documentation Feedback Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744 89 DRA756, DRA755, DRA754, DRA752 DRA751, DRA750, DRA746, DRA745, DRA744 www.ti.com SPRS950F – DECEMBER 2015 – REVISED MAY 2019 Table 4-3. Multiplexing Characteristics (continued) ADDRESS REGISTER NAME BALL NUMBER MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0]) 0 1 2 3 4 5 6 7 8 9 10 14 15 0x150C CTRL_CORE_PAD_V IN1A_D6 AG6 vin1a_d6 vout3_d1 vout3_d17 eQEP2A_in gpio3_10 Driver off 0x1510 CTRL_CORE_PAD_V IN1A_D7 AH4 vin1a_d7 vout3_d0 vout3_d16 eQEP2B_in gpio3_11 Driver off 0x1514 CTRL_CORE_PAD_V IN1A_D8 AG4 vin1a_d8 vin1b_d7 vout3_d15 kbd_row2 eQEP2_index gpio3_12 Driver off 0x1518 CTRL_CORE_PAD_V IN1A_D9 AG2 vin1a_d9 vin1b_d6 vout3_d14 kbd_row3 eQEP2_strob e gpio3_13 Driver off 0x151C CTRL_CORE_PAD_V IN1A_D10 AG3 vin1a_d10 vin1b_d5 vout3_d13 kbd_row4 gpio3_14 Driver off 0x1520 CTRL_CORE_PAD_V IN1A_D11 AG5 vin1a_d11 vin1b_d4 vout3_d12 gpmc_a23 kbd_row5 gpio3_15 Driver off 0x1524 CTRL_CORE_PAD_V IN1A_D12 AF2 vin1a_d12 vin1b_d3 usb3_ulpi_d7 vout3_d11 gpmc_a24 kbd_row6 gpio3_16 Driver off 0x1528 CTRL_CORE_PAD_V IN1A_D13 AF6 vin1a_d13 vin1b_d2 usb3_ulpi_d6 vout3_d10 gpmc_a25 kbd_row7 gpio3_17 Driver off 0x152C CTRL_CORE_PAD_V IN1A_D14 AF3 vin1a_d14 vin1b_d1 usb3_ulpi_d5 vout3_d9 gpmc_a26 kbd_row8 gpio3_18 Driver off 0x1530 CTRL_CORE_PAD_V IN1A_D15 AF4 vin1a_d15 vin1b_d0 usb3_ulpi_d4 vout3_d8 gpmc_a27 kbd_col0 gpio3_19 Driver off 0x1534 CTRL_CORE_PAD_V IN1A_D16 AF1 vin1a_d16 vin1b_d7 usb3_ulpi_d3 vout3_d7 vin3a_d0 kbd_col1 gpio3_20 Driver off 0x1538 CTRL_CORE_PAD_V IN1A_D17 AE3 vin1a_d17 vin1b_d6 usb3_ulpi_d2 vout3_d6 vin3a_d1 kbd_col2 gpio3_21 Driver off 0x153C CTRL_CORE_PAD_V IN1A_D18 AE5 vin1a_d18 vin1b_d5 usb3_ulpi_d1 vout3_d5 vin3a_d2 kbd_col3 gpio3_22 Driver off 0x1540 CTRL_CORE_PAD_V IN1A_D19 AE1 vin1a_d19 vin1b_d4 usb3_ulpi_d0 vout3_d4 vin3a_d3 kbd_col4 gpio3_23 Driver off 0x1544 CTRL_CORE_PAD_V IN1A_D20 AE2 vin1a_d20 vin1b_d3 usb3_ulpi_nxt vout3_d3 vin3a_d4 kbd_col5 gpio3_24 Driver off 0x1548 CTRL_CORE_PAD_V IN1A_D21 AE6 vin1a_d21 vin1b_d2 usb3_ulpi_dir vout3_d2 vin3a_d5 kbd_col6 gpio3_25 Driver off 0x154C CTRL_CORE_PAD_V IN1A_D22 AD2 vin1a_d22 vin1b_d1 usb3_ulpi_stp vout3_d1 vin3a_d6 kbd_col7 gpio3_26 Driver off 0x1550 CTRL_CORE_PAD_V IN1A_D23 AD3 vin1a_d23 vin1b_d0 usb3_ulpi_clk vout3_d0 vin3a_d7 kbd_col8 gpio3_27 Driver off 0x1554 CTRL_CORE_PAD_V IN2A_CLK0 E1 vin2a_clk0 vout2_fld emu5 kbd_row0 eQEP1A_in gpio3_28 Driver off 0x1558 CTRL_CORE_PAD_V IN2A_DE0 G2 vin2a_de0 vin2a_fld0 vin2b_fld1 vin2b_de1 vout2_de emu6 kbd_row1 eQEP1B_in gpio3_29 Driver off 0x155C CTRL_CORE_PAD_V IN2A_FLD0 H7 vin2a_fld0 vin2b_clk1 vout2_clk emu7 eQEP1_index gpio3_30 Driver off 0x1560 CTRL_CORE_PAD_V IN2A_HSYNC0 G1 vin2a_hsync0 vin2b_hsync1 vout2_hsync emu8 uart9_rxd spi4_sclk kbd_row2 eQEP1_strob e gpio3_31 Driver off 0x1564 CTRL_CORE_PAD_V IN2A_VSYNC0 G6 vin2a_vsync0 vin2b_vsync1 vout2_vsync emu9 uart9_txd spi4_d1 kbd_row3 ehrpwm1A gpio4_0 Driver off 0x1568 CTRL_CORE_PAD_V IN2A_D0 F2 vin2a_d0 vout2_d23 emu10 uart9_ctsn spi4_d0 kbd_row4 ehrpwm1B gpio4_1 Driver off |