| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRA752ABC bảng dữ liệu(PDF) 132 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA752ABC bảng dữ liệu(HTML) 132 Page - Texas Instruments |
|
132 / 443 page ![]() 132 DRA756, DRA755, DRA754, DRA752 DRA751, DRA750, DRA746, DRA745, DRA744 SPRS950F – DECEMBER 2015 – REVISED MAY 2019 www.ti.com Submit Documentation Feedback Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744 Terminal Configuration and Functions Copyright © 2015–2019, Texas Instruments Incorporated Table 4-25. PWM Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL PWMSS2 eQEP2A_in EQEP2 Quadrature Input A I AG6 / F4 eQEP2B_in EQEP2 Quadrature Input B I AH4 / C1 eQEP2_index EQEP2 Index Input IO AG4 / E4 eQEP2_strobe EQEP2 Strobe Input IO AG2 / F5 ehrpwm2A EHRPWM2 Output A O AC5 / E6 ehrpwm2B EHRPWM2 Output B O AB4 / D3 ehrpwm2_tripzone_in put EHRPWM2 Trip Zone Input IO AD4 / F6 eCAP2_in_PWM2_out ECAP2 Capture Input / PWM Output IO AC4 / D5 PWMSS3 eQEP3A_in EQEP3 Quadrature Input A I AC7 / C2 eQEP3B_in EQEP3 Quadrature Input B I AC6 / C3 eQEP3_index EQEP3 Index Input IO AC9 / C4 eQEP3_strobe EQEP3 Strobe Input IO AC3 / B2 ehrpwm3A EHRPWM3 Output A O AC8 / D6 ehrpwm3B EHRPWM3 Output B O AD6 / C5 ehrpwm3_tripzone_in put EHRPWM3 Trip Zone Input IO AB8 / A3 eCAP3_in_PWM3_out ECAP3 Capture Input / PWM Output IO AB5 / B3 4.4.23 Audio Tracking Logic (ATL) NOTE For more information, see the Audio Tracking Logic (ATL) section of the device TRM. Table 4-26. ATL Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL atl_clk0 Audio Tracking Logic Clock 0 O D18 atl_clk1 Audio Tracking Logic Clock 1 O E17 atl_clk2 Audio Tracking Logic Clock 2 O B26 atl_clk3 Audio Tracking Logic Clock 3 O C23 4.4.24 Test Interfaces CAUTION The I/O timings provided in Section 7, Timing Requirements and Switching Characteristics are valid only if signals within a single IOSET are used. The IOSETs are defined in the Table 7-151. NOTE For more information, see the On-Chip Debug Support / Debug Ports section of the device TRM. |